Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9649-40EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9649-40EBZ
Description  14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9649-40EBZ Datasheet(HTML) 4 Page - Analog Devices

  AD9649-40EBZ Datasheet HTML 1Page - Analog Devices AD9649-40EBZ Datasheet HTML 2Page - Analog Devices AD9649-40EBZ Datasheet HTML 3Page - Analog Devices AD9649-40EBZ Datasheet HTML 4Page - Analog Devices AD9649-40EBZ Datasheet HTML 5Page - Analog Devices AD9649-40EBZ Datasheet HTML 6Page - Analog Devices AD9649-40EBZ Datasheet HTML 7Page - Analog Devices AD9649-40EBZ Datasheet HTML 8Page - Analog Devices AD9649-40EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Data Sheet
AD9649
Rev. B | Page 3 of 32
GENERAL DESCRIPTION
The AD9649 is a monolithic, single channel 1.8 V supply, 14-bit,
20/40/65/80 MSPS analog-to-digital converter (ADC). It features
a high performance sample-and-hold circuit and an on-chip volt-
age reference.
The product uses multistage differential pipeline architecture
with output error correction logic to provide 14-bit accuracy at
80 MSPS data rates and to guarantee no missing codes over the
full operating temperature range.
The ADC contains several features designed to maximize flexibility
and minimize system cost, such as programmable clock and data
alignment and programmable digital test pattern generation. The
available digital test patterns include built-in deterministic and
pseudorandom patterns, along with custom user-defined test
patterns entered via the serial port interface (SPI).
A differential clock input with optional 1, 2, or 4 divide ratios
controls all internal conversion cycles.
The digital output data is presented in offset binary, gray code, or
twos complement format. A data output clock (DCO) is provided
to ensure proper latch timing with receiving logic. Both 1.8 V and
3.3 V CMOS levels are supported.
The AD9649 is available in a 32-lead RoHS-compliant LFCSP and
is specified over the industrial temperature range (−40°C to
+85°C).


Similar Part No. - AD9649-40EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9649-40EBZ1 AD-AD9649-40EBZ1 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9649-40EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9649 AD-AD9649 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9649BCPZ-20 AD-AD9649BCPZ-20 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com