Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFC6602R-TR Datasheet(PDF) 3 Page - ON Semiconductor

Part # EFC6602R-TR
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EFC6602R-TR Datasheet(HTML) 3 Page - ON Semiconductor

  EFC6602R-TR Datasheet HTML 1Page - ON Semiconductor EFC6602R-TR Datasheet HTML 2Page - ON Semiconductor EFC6602R-TR Datasheet HTML 3Page - ON Semiconductor EFC6602R-TR Datasheet HTML 4Page - ON Semiconductor EFC6602R-TR Datasheet HTML 5Page - ON Semiconductor EFC6602R-TR Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EFC6602R
www.onsemi.com
3
Test circuits are example of measuring FET1 side
When FET2 is measured, the position of FET1 and FET2 is switched.
G2
G1
S1
S2
A
G2
G1
S1
S2
A
G2
G1
S1
S2
A
G2
G1
S1
S2
A
G2
G1
S1
S2
V
IS
Test Circuit 1
V(BR)SSS / ISSS
Test Circuit 2
IGSS
Test Circuit 3
VGS(th)
Test Circuit 4
gFS
Test Circuit 5
RSS(on)
VGS
VGS
VGS
VGS
When FET1 is measured,
Gate and Source of FET2
are short-circuited.
When FET1 is measured,
Gate and Source of FET2
are short-circuited.
When FET1 is measured,
Gate and Source of FET2
are short-circuited.
VSS
VSS
VSS
G2
G1
S1
S2
PG
RL
A
Test Circuit 7
Qg
IG =1mA
VSS
When FET1 is measured,
Gate and Source of FET2
are short-circuited.
G2
G1
S1
S2
V
PG
RL
Test Circuit 6
td(on), tr, td(off), tf
VSS
When FET1 is measured,
Gate and Source of FET2
are short-circuited.
G2
G1
S1
S2
V
IS
VGS=0V
Test Circuit 8
VF(S-S)
When FET1 is
measured,+4.5V is added to
VGS of FET2.


Similar Part No. - EFC6602R-TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EFC6602R-TR ONSEMI-EFC6602R-TR Datasheet
323Kb / 8P
   N-Channel Power MOSFET 12V, 18A, 5.9m廓, Dual EFCP
July, 2013
More results

Similar Description - EFC6602R-TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com