Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0349580342 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0349580342
Description  Mini50 Unsealed Vertical Hybrid Header, 3 Rows, 34 Circuit, Polarization Option C, Dark Gray, Tray
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0349580342 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0349580342 Datasheet HTML 1Page - Molex Electronics Ltd. 0349580342 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/18/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0349580342
Status:
Active
Overview:
Mini50™ Connection Systems
Description:
Mini50™ Unsealed Vertical Hybrid Header, 3 Rows, 34 Circuit, Polarization Option C,
Dark Gray, Tray
Documents:
3D Model
Packaging Specification PK-31302-070 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-34959-001-001 (PDF)
Product Literature (PDF)
Application Specification AS-34959-001-001 (PDF)
General
Product Family
PCB Headers
Series
34958
Application
Power, Signal, Wire-to-Board
Comments
0.50mm blades = 4.0A; 1.20mm blades = 16.0A
Overview
Mini50™ Connection Systems
Product Literature Order No
987650-5442
Product Name
Mini50™
UPC
887191714592
Physical
Breakaway
No
Circuits (Loaded)
34
Circuits (maximum)
34
Color - Resin
Gray (Dark)
Durability (mating cycles max)
10
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin over Nickel
Material - Plating Termination
Tin over Nickel
Material - Resin
SPS
Number of Rows
3
Orientation
Vertical
PC Tail Length
3.07mm
PCB Locator
Yes
PCB Retention
None
Packaging Type
Tray
Pitch - Mating Interface
2.00mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
16.0A, 4.0A
Voltage - Maximum
500V DC
Material Info
Reference - Drawing Numbers
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
34958 Series
Mates With
34959 Mini50™ Unsealed 3 Row
Receptacle


Similar Part No. - 0349580342

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0349580340 MOLEX1-0349580340 Datasheet
47Kb / 2P
   Mini50 Unsealed Vertical Hybrid Header, 3 Rows, 34 Circuit, Polarization Option A,Black, Tray
0349580341 MOLEX1-0349580341 Datasheet
46Kb / 2P
   Mini50 Unsealed Vertical Hybrid Header, 3 Rows, 34 Circuit, Polarization Option B,Gray, Tray
More results

Similar Description - 0349580342

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0349587342 MOLEX1-0349587342 Datasheet
46Kb / 2P
   Mini50 Unsealed Vertical Hybrid Header, 3 Rows, 34 Circuit, Polarization Option C, Dark Gray, Tube
0349580382 MOLEX1-0349580382 Datasheet
46Kb / 2P
   Mini50 Unsealed Vertical Header, 3 Rows, 38 Circuit, Polarization Option C, Dark Gray, Tray
0349580341 MOLEX1-0349580341 Datasheet
46Kb / 2P
   Mini50 Unsealed Vertical Hybrid Header, 3 Rows, 34 Circuit, Polarization Option B,Gray, Tray
0349588342 MOLEX1-0349588342 Datasheet
46Kb / 2P
   Mini50 Unsealed Vertical Hybrid Header, 3 Rows, 34 Circuit, Polarization Option C, Dark Gray, Tape and Reel
0349617342 MOLEX1-0349617342 Datasheet
52Kb / 2P
   Mini50 Unsealed Right Angle Hybrid Header, 3 Rows, 34 Circuit, Polarization Option C, Dark Gray, Tube
0349590349 MOLEX1-0349590349 Datasheet
53Kb / 1P
   Mini50 Unsealed Receptacle, 3 Rows, 34 Circuits, Polarization Option C, Dark Gray
0349611342 MOLEX1-0349611342 Datasheet
52Kb / 2P
   Mini50 Unsealed Right Angle Hybrid Header, 3 Rows, 34 Circuits - 32 Loaded, Polarization Option C, Dark Gray, Tray
0349580340 MOLEX1-0349580340 Datasheet
47Kb / 2P
   Mini50 Unsealed Vertical Hybrid Header, 3 Rows, 34 Circuit, Polarization Option A,Black, Tray
0349587382 MOLEX1-0349587382 Datasheet
46Kb / 2P
   Mini50 Unsealed Vertical Header, 3 Rows, 38 Circuit, Polarization Option C, Dark Gray, Tube
0349587341 MOLEX1-0349587341 Datasheet
46Kb / 2P
   Mini50 Unsealed Vertical Hybrid Header, 3 Rows, 34 Circuit, Polarization Option B, Gray, Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com