Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM8050H-8W Datasheet(PDF) 2 Page - STMicroelectronics

Part # TM8050H-8W
Description  Battery charging system
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TM8050H-8W Datasheet(HTML) 2 Page - STMicroelectronics

  TM8050H-8W Datasheet HTML 1Page - STMicroelectronics TM8050H-8W Datasheet HTML 2Page - STMicroelectronics TM8050H-8W Datasheet HTML 3Page - STMicroelectronics TM8050H-8W Datasheet HTML 4Page - STMicroelectronics TM8050H-8W Datasheet HTML 5Page - STMicroelectronics TM8050H-8W Datasheet HTML 6Page - STMicroelectronics TM8050H-8W Datasheet HTML 7Page - STMicroelectronics TM8050H-8W Datasheet HTML 8Page - STMicroelectronics TM8050H-8W Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
TM8050H-8W
2/9
Doc029171 Rev 1
1
Characteristics
Table 2: Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (180 ° conduction
angle)
TC = 126 °C
80
A
IT(AV)
Average on-state current (180 ° conduction
angle)
50
A
ITSM
Non repetitive surge peak
on-state current
tp = 8.3 ms
Tj initial = 25 °C
731
A
tp = 10 ms
670
I2t
I2t value for fusing
Tj = 25 °C
2245
A2s
VRRM /
VDRM
Maximum repetitive symmetric blocking voltage
800
V
dl/dt
Critical rate of rise of on-
state current
IG = 2 x IGT
, tr ≤ 100 ns
f = 50 Hz
Tj = 25 °C
200
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 150 °C
8
A
PG(AV)
Average gate power dissipation
Tj = 150 °C
1
W
VRGM
Maximum peak reverse gate voltage
5
V
Tstg
Storage junction temperature range
-40 to +150
°C
Tj
Maximum operating junction temperature
-40 to +150
°C
Table 3: Electrical characteristics (Tj = 25 °C unless otherwise specified)
Symbol
Test Conditions
Value
Unit
IGT
VD = 12 V, RL
= 33 Ω
Min.
2.5
mA
Max.
50
VGT
VD = 12 V, RL
= 33 Ω
Max.
1.5
V
VGD
VD = VDRM, RL
= 3.3 kΩ
Tj = 150 °C
Min.
0.2
V
IH
IT = 500 mA, gate open
Max.
100
mA
IL
IG = 1.2 x IGT
Max.
125
mA
tgt
IT = 80 A, VD = VDRM, IG = 200 mA, dIG/dt = 0.2 A/µs
Typ.
3
µs
dV/dt
VD = 67 % VDRM, gate open
Tj = 150 °C
Min.
1000
V/µs
tq
IT = 33 A, dIT/dt = 10 A/µs, VR = 75 V,
VD = 400 V, dVD/dt = 20 V/µs, tP = 100 µs
Tj = 150 °C
Max.
150
µs
VTM
ITM = 160 A, tP = 380 µs
Tj = 25 °C
Max.
1.55
V
VTO
Threshold voltage
Tj = 150 °C
Max.
0.85
V
RD
Dynamic resistance
Tj = 150 °C
Max.
5.5
IDRM
VD = VDRM = VR = VRRM = 800 V
Tj = 25 °C
Max.
20
µA
IRRM
Tj = 150 °C
Max.
2.5
mA


Similar Part No. - TM8050H-8W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TM8050H-8D3 STMICROELECTRONICS-TM8050H-8D3 Datasheet
366Kb / 9P
   AC-DC rectifier controlled bridge
May 2016 Rev 3
More results

Similar Description - TM8050H-8W

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM4055B HMSEMI-HM4055B Datasheet
681Kb / 10P
   3.2V lithium battery charging
HM4087 HMSEMI-HM4087 Datasheet
435Kb / 5P
   NiMH battery charging IC
logo
Jingjing Microelectroni...
EG4321 EGMICRO-EG4321 Datasheet
562Kb / 14P
   Lithium battery charging chip
logo
Shenzhen Huazhimei Semi...
HM4055C HMSEMI-HM4055C Datasheet
346Kb / 10P
   2.4V lithium battery charging
logo
Intersil Corporation
ISL9209C INTERSIL-ISL9209C Datasheet
611Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9211A RENESAS-ISL9211A Datasheet
624Kb / 13P
   Charging System Safety Circuit
logo
Richtek Technology Corp...
RT9719 RICHTEK-RT9719 Datasheet
186Kb / 10P
   Charging System Safety Device
RT9730 RICHTEK-RT9730 Datasheet
167Kb / 9P
   Charging System Safety Device
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
ISL9212B INTERSIL-ISL9212B Datasheet
534Kb / 11P
   Charging System Safety Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com