Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75801KTTR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75801KTTR
Description  FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75801KTTR Datasheet(HTML) 1 Page - Texas Instruments

  TPS75801KTTR Datasheet HTML 1Page - Texas Instruments TPS75801KTTR Datasheet HTML 2Page - Texas Instruments TPS75801KTTR Datasheet HTML 3Page - Texas Instruments TPS75801KTTR Datasheet HTML 4Page - Texas Instruments TPS75801KTTR Datasheet HTML 5Page - Texas Instruments TPS75801KTTR Datasheet HTML 6Page - Texas Instruments TPS75801KTTR Datasheet HTML 7Page - Texas Instruments TPS75801KTTR Datasheet HTML 8Page - Texas Instruments TPS75801KTTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
DESCRIPTION
TO–220 (KC) PACKAGE
(TOP VIEW)
1
2
3
4
5
EN
IN
GND
OUTPUT
FB/NC
1
TO–263 (KTT) PACKAGE
(TOP VIEW)
2
3
4
5
EN
IN
GND
OUTPUT
FB/NC
t – Time –
µs
TPS75815
LOAD TRANSIENT RESPONSE
–100
0
0
60
40
20
80 100
140
120
160 180
200
0
50
–50
VO = 1.5 V
Co = 100 µF
–150
3
di
dt
+
0.75 A
ms
100
150
0
50
100
150
200
250
–40 –25 –10 5
20 35 50 65 80
95 110 125
TJ – Junction Temperature – °C
TPS75833
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
IO = 3 A
VO = 3.3 V
TPS75801, TPS75815
TPS75818, TPS75825
TPS75833
SLVS330D – JUNE 2001 – REVISED MARCH 2004
FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
3-A Low-Dropout Voltage Regulator
The TPS758xx family of 3-A low dropout (LDO)
regulators contains four fixed voltage option regu-
Available in 1.5-V, 1.8-V, 2.5-V, and 3.3-V
lators and an adjustable voltage option regulator.
Fixed-Output and Adjustable Versions
These devices are capable of supplying 3 A of output
Dropout Voltage Typically 150 mV at 3 A
current with a dropout of 150 mV (TPS75833).
(TPS75833)
Therefore, the device is capable of performing a
Low 125 µA Typical Quiescent Current
3.3-V to 2.5-V conversion.
Fast Transient Response
Quiescent current is 125 µA at full load and drops
3% Tolerance Over Specified Conditions for
down to less than 1 µA when the device is disabled.
The TPS758xx is designed to have fast transient
Fixed-Output Versions
response for large load current changes.
Available in 5-Pin TO-220 and TO-263
Surface-Mount Packages
Thermal Shutdown Protection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS75801KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75801KTTR TI-TPS75801KTTR Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801KTTR TI1-TPS75801KTTR Datasheet
988Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801KTTRG3 TI-TPS75801KTTRG3 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801KTTRG3 TI1-TPS75801KTTRG3 Datasheet
988Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75801KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75715 TI-TPS75715 Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75715 TI1-TPS75715_16 Datasheet
1Mb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75715 TI-TPS75715_15 Datasheet
836Kb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com