Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUA6012 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # TUA6012
Description  Components for Entertainment Electronics
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TUA6012 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button TUA6012 Datasheet HTML 7Page - Siemens Semiconductor Group TUA6012 Datasheet HTML 8Page - Siemens Semiconductor Group TUA6012 Datasheet HTML 9Page - Siemens Semiconductor Group TUA6012 Datasheet HTML 10Page - Siemens Semiconductor Group TUA6012 Datasheet HTML 11Page - Siemens Semiconductor Group TUA6012 Datasheet HTML 12Page - Siemens Semiconductor Group TUA6012 Datasheet HTML 13Page - Siemens Semiconductor Group TUA6012 Datasheet HTML 14Page - Siemens Semiconductor Group TUA6012 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
TUA 6012
TUA 6014
Semiconductor Group
11
1998-09-01
2
Circuit Description
2.1
Mixer-Oscillator Block
The mixer oscillator section includes two balanced mixers (double balanced mixer), two
balanced oscillators for VHF low and/or VHF high band and UHF, a reference voltage
source and a band switch.
Filters between tuner input and IC separate the TV frequency signals into two bands.
The band switching in the tuner front-end is done by using two, three or four port outputs.
In the selected band the signal passes a tuner input stage with MOSFET amplifier, a
double-tuned bandpass filter and is then fed to the balanced mixer input of the IC which
has in case of VHF low/VHF high a high-impedance input and in case of UHF a low-
impedance input. The VHF low/VHF high input can be used unsymmetrically by
capacitively grounding one of the input pins. The input signal is mixed there with the
signal from the activated on chip oscillator to the IF frequency and is available at the
balanced high-impedance output pair (IFout/IFout).
2.2
PLL Block
The mixer-oscillator signal VCO/VCO is internally DC-coupled as a differential signal at
the programmable divider inputs. The signal subsequently passes through a
programmable divider with ratio N = 256 through 32767 and is then compared in a digital
frequency/phase detector to a reference frequency
f
ref = 4 MHz / reference divider ratio
(
f
ref = 31.25 kHz, 50 kHz or 62.5 kHz). This frequency is derived from a unbalanced, low-
impedance 4 MHz crystal oscillator (pin Q) divided by reference divider ratio
(programmable reference divider ratio = 128, 80 or 64).
The phase detector has two outputs, UP and DOWN that drive two current sources
I+
and
I- of a charge pump. If the negative edge of the divided VCO signal appears prior to
the negative edge of the reference signal, the
I+ current source pulses for the duration
of the phase difference. In the reverse case the
I- current source pulses. If the two
signals are in phase, the charge pump output (CHGPMP) goes into the high-impedance
state (PLL is locked). An active low-pass filter integrates the current pulses to generate
the tuning voltage for the VCO (internal amplifier, external pullup resistor at TUNE and
external RC circuitry). The charge pump output is also switched into the high-impedance
state when the control bit T0 = 1. Here it should be noted, however, that the tuning
voltage can alter over a long period in the high-impedance state as a result of self-
discharge in the peripheral circuity. TUNE may be switched off by the control bit OS to
allow external adjustments.
If the VCO is not working the PLL locks to a tuning voltage of 33 V.
By means of control bit 5I the pump current can be switched between two values by
software. This programmability permits alteration of the control response of the PLL in
the locked-in state. In this way different VCO gains can be compensated, for example.


Similar Part No. - TUA6012

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TUA6010 INFINEON-TUA6010 Datasheet
354Kb / 32P
   Wireless Components
Version 1.0 August 1999
TUA6010XS INFINEON-TUA6010XS Datasheet
354Kb / 32P
   Wireless Components
Version 1.0 August 1999
More results

Similar Description - TUA6012

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA6170 INFINEON-TDA6170 Datasheet
416Kb / 27P
   Components for Entertainment Electronics, Satellite Sound IF
21.7.99
logo
List of Unclassifed Man...
5967001901 ETC2-5967001901 Datasheet
369Kb / 4P
   Ferrite Components for the Electronics Industry
logo
Weidmuller
171529000 WEIDMULLER-171529000 Datasheet
94Kb / 7P
   PCB Components and Housings for Electronics
1716060000 WEIDMULLER-1716060000 Datasheet
95Kb / 7P
   PCB Components and Housings for Electronics
logo
OSRAM GmbH
KPCSLPM1.F1 OSRAM-KPCSLPM1.F1 Datasheet
807Kb / 24P
   Stage and Entertainment Lighting
logo
Micronas
CEA3207A MICRONAS-CEA3207A Datasheet
391Kb / 2P
   ARM7-Based Car Entertainment Controller
logo
General Cable Technolog...
C1228A GENERAL-C1228A Datasheet
58Kb / 1P
   AUDIO/VIDEO AND HOME ENTERTAINMENT
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
logo
EPCOS
B25667-A2507-A175 EPCOS-B25667-A2507-A175 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
B25667-A4177-A375 EPCOS-B25667-A4177-A375 Datasheet
35Kb / 2P
   Capacitors for Power Electronics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com