Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T810T-8T Datasheet(PDF) 5 Page - STMicroelectronics

Part # T810T-8T
Description  8 A logic level Triac
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T810T-8T Datasheet(HTML) 5 Page - STMicroelectronics

  T810T-8T Datasheet HTML 1Page - STMicroelectronics T810T-8T Datasheet HTML 2Page - STMicroelectronics T810T-8T Datasheet HTML 3Page - STMicroelectronics T810T-8T Datasheet HTML 4Page - STMicroelectronics T810T-8T Datasheet HTML 5Page - STMicroelectronics T810T-8T Datasheet HTML 6Page - STMicroelectronics T810T-8T Datasheet HTML 7Page - STMicroelectronics T810T-8T Datasheet HTML 8Page - STMicroelectronics T810T-8T Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DocID026686 Rev 1
5/9
T810T-8T
Characteristics
Figure 13. Relative variation of leakage current versus junction temperature for different values of
blocking voltage (typical values)
Figure 11. Relative variation of critical rate of
decrease of main current (dI/dt)C versus
reapplied (dV/dt)C (maximum values)
Figure 12. Relative variation of static dV/dt
immunity versus junction temperature (typical
values)


Similar Part No. - T810T-8T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T810T-8FP STMICROELECTRONICS-T810T-8FP Datasheet
359Kb / 9P
   8 A logic level Triac
February 2015 Rev 2
More results

Similar Description - T810T-8T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T810T-8FP STMICROELECTRONICS-T810T-8FP Datasheet
359Kb / 9P
   8 A logic level Triac
February 2015 Rev 2
T1610T-8I STMICROELECTRONICS-T1610T-8I Datasheet
179Kb / 10P
   Logic level 16 A Triac
April 2012 Rev 3
T610T-8FP STMICROELECTRONICS-T610T-8FP Datasheet
356Kb / 9P
   6 A logic level Triac
February 2015 Rev 2
T610T-8T STMICROELECTRONICS-T610T-8T Datasheet
314Kb / 9P
   6 A logic level Triac
November 2014 Rev 1
T405T-6FP STMICROELECTRONICS-T405T-6FP Datasheet
366Kb / 9P
   4 A logic level Triac
November 2016 Rev 1
T1210T-8FP STMICROELECTRONICS-T1210T-8FP Datasheet
357Kb / 9P
   12 A logic level Triac
February 2015 Rev 2
T1210T-8T STMICROELECTRONICS-T1210T-8T Datasheet
318Kb / 9P
   12 A logic level Triac
November 2014 Rev 1
logo
List of Unclassifed Man...
FT04 ETC1-FT04 Datasheet
133Kb / 4P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
   Triac logic level
Rev. 01-26 February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com