Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STX690A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STX690A
Description  High performance low voltage NPN transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX690A Datasheet(HTML) 4 Page - STMicroelectronics

  STX690A Datasheet HTML 1Page - STMicroelectronics STX690A Datasheet HTML 2Page - STMicroelectronics STX690A Datasheet HTML 3Page - STMicroelectronics STX690A Datasheet HTML 4Page - STMicroelectronics STX690A Datasheet HTML 5Page - STMicroelectronics STX690A Datasheet HTML 6Page - STMicroelectronics STX690A Datasheet HTML 7Page - STMicroelectronics STX690A Datasheet HTML 8Page - STMicroelectronics STX690A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
STX690A
4/10
2.1
Electrical characteristics (curves)
ft
Transition frequency
IC = 50 mA
VCE = 5 V
f = 50 MHz
100
MHz
td
tr
ts
tf
Resistive load
Delay time
Rise time
Storage time
Fall time
IC = 3 A
VCC = 20 V
IB1 = -IB2 = 60 mA
see Figure 8
50
120
465
80
ns
ns
ns
ns
1.
Pulse duration = 300 µs, duty cycle
≤1.5%
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Figure 2.
DC current gain
Figure 3.
DC current gain
Figure 4.
Collector-emitter saturation
voltage
Figure 5.
Base-emitter saturation voltage
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STX690A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
STX6904 SSDI-STX6904 Datasheet
109Kb / 1P
   HIGH VOLTAGE PNP TRANSISTOR MULTIPLE DIFFUSED EPITAXIAL
STX6905 SSDI-STX6905 Datasheet
56Kb / 2P
   1 AMP 600 VOLTS PNP TRANSISTOR
STX6905 SSDI-STX6905 Datasheet
109Kb / 1P
   HIGH VOLTAGE PNP TRANSISTOR MULTIPLE DIFFUSED EPITAXIAL
More results

Similar Description - STX690A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
3STF1640 STMICROELECTRONICS-3STF1640 Datasheet
395Kb / 12P
   Low voltage high performance NPN power transistor
2STF1525 STMICROELECTRONICS-2STF1525 Datasheet
106Kb / 7P
   Low voltage high performance NPN power transistor
November 2009 Rev 2
2STL1525 STMICROELECTRONICS-2STL1525 Datasheet
144Kb / 8P
   Low voltage high performance NPN power transistor
3STR1630 STMICROELECTRONICS-3STR1630 Datasheet
212Kb / 10P
   Low voltage high performance NPN power transistor
STN878 STMICROELECTRONICS-STN878 Datasheet
141Kb / 10P
   Medium current, high performance, low voltage NPN transistor
STN690A STMICROELECTRONICS-STN690A Datasheet
191Kb / 10P
   Medium Current, High Performance, Low Voltage NPN Transistor
logo
Zetex Semiconductors
FMMT497 ZETEX-FMMT497 Datasheet
118Kb / 2P
   NPN SILICON PLANAR HIGH VOLTAGE HIGH PERFORMANCE TRANSISTOR
logo
STMicroelectronics
2STF1550 STMICROELECTRONICS-2STF1550_08 Datasheet
146Kb / 8P
   Low voltage high performance NPN power transistors
STD878 STMICROELECTRONICS-STD878 Datasheet
261Kb / 10P
   High current, high performance, low voltage NPN transistors
August 2010 Rev 2
logo
Diodes Incorporated
FMMT497 DIODES-FMMT497_15 Datasheet
164Kb / 6P
   SOT23 NPN silicon planar high voltage high performance transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com