Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3431 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS3431
Description  1.24V Programmable Shunt Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3431 Datasheet(HTML) 5 Page - STMicroelectronics

  TS3431 Datasheet HTML 1Page - STMicroelectronics TS3431 Datasheet HTML 2Page - STMicroelectronics TS3431 Datasheet HTML 3Page - STMicroelectronics TS3431 Datasheet HTML 4Page - STMicroelectronics TS3431 Datasheet HTML 5Page - STMicroelectronics TS3431 Datasheet HTML 6Page - STMicroelectronics TS3431 Datasheet HTML 7Page - STMicroelectronics TS3431 Datasheet HTML 8Page - STMicroelectronics TS3431 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Electrical Characteristics
TS3431
5/11
Figure 7. Off-State current vs temperature
Figure 8. Ratio of change in reference input
voltage to change in Vka voltage vs
temperature
Figure 9. Phase and gain vs frequency
-40
0
40
80
120
0
100
200
300
Temperature (°C)
-40
0
40
80
120
0.0
0.5
1.0
1.5
2.0
V
K
= 1.24 to 24V
I
K
= 10 mA
Temperature (°C)
1000
10000
100000
1000000
0
20
40
0
40
80
T = +25°C
Frequency (Hz)
Figure 10. Test circuit for off-state current
measurement
Figure 11. Test circuit for VK > VREF
Figure 12. Test circuit for phase and gain
measurement
Vka=24V
Ioff
Input
Ik
Vka = Vref . (1+R1/R2) + Iref . R1
Vka
R1
R2
Iref
Vref
10 µF
10 µF


Similar Part No. - TS3431

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3431 STMICROELECTRONICS-TS3431 Datasheet
145Kb / 10P
   1.24V programmable shunt voltage reference
TS3431AILT STMICROELECTRONICS-TS3431AILT Datasheet
145Kb / 10P
   1.24V programmable shunt voltage reference
TS3431BILT STMICROELECTRONICS-TS3431BILT Datasheet
145Kb / 10P
   1.24V programmable shunt voltage reference
TS3431CILT STMICROELECTRONICS-TS3431CILT Datasheet
145Kb / 10P
   1.24V programmable shunt voltage reference
TS3431ILT STMICROELECTRONICS-TS3431ILT Datasheet
145Kb / 10P
   1.24V programmable shunt voltage reference
More results

Similar Description - TS3431

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3431 STMICROELECTRONICS-TS3431_07 Datasheet
145Kb / 10P
   1.24V programmable shunt voltage reference
logo
Sipex Corporation
SPX4041 SIPEX-SPX4041_04 Datasheet
115Kb / 9P
   Precision 1.24V Shunt Voltage Reference
logo
STMicroelectronics
TS432 STMICROELECTRONICS-TS432 Datasheet
153Kb / 7P
   1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
logo
Sipex Corporation
SPX4041 SIPEX-SPX4041 Datasheet
147Kb / 7P
   Precision Micropower 1.24V Shunt Voltage Reference
logo
List of Unclassifed Man...
AS432 ETC1-AS432 Datasheet
37Kb / 7P
   1.24V Precision Adjustable Shunt Reference
logo
STMicroelectronics
TS2431 STMICROELECTRONICS-TS2431 Datasheet
278Kb / 6P
   PROGRAMMABLE SHUNT VOLTAGE REFERENCE
TLVH431 STMICROELECTRONICS-TLVH431 Datasheet
823Kb / 15P
   Programmable shunt voltage reference
November 2015 Rev 5
logo
Unisonic Technologies
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
   1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com