Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFB050078 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # HFB050078
Description  HIGH FREQUENCY BALUN ADAPTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

HFB050078 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  HFB050078 Datasheet HTML 1Page - Pulse A Technitrol Company HFB050078 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M100.Q (3/13)
2
pulseelectronics.com
HIGH FREQUENCY BALUN ADAPTER
For 150
Ω Fibre Channel , 100 Ω Gigabit Ethernet and 78 Ω High Speed 1553
Military/Aerospace Grade/Specialty Components
Application Notes
For More Information
Pulse North America
Headquarters
Two Pearl Buck Court
Bristol, PA 19007
U.S.A.
Tel: 215 781 6400
Fax: 215 781 6403
Pulse Europe
Zeppelinstrasse 15
71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 12
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Road West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F No. 198, Zhongyuan Road
Zhongli City
Taoyuan County (32068)
Taiwan
Tel: 886 3 4356768
Fax: 886 3 4356823
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2013. Pulse Electronics, Inc. All rights reserved.
The Specialty Components Division has developed a high frequency BALUN
for test and measurement applications. Wide bandwidth and high frequency
response makes thisdevice ideal for differential mode measurement in high
speed applications such as Fibre Channel, Gigabit Ethernet and next genera-
tion MIL-STD-1553. The BALUN allows design engineers to characterize dif-
ferential mode devices using single-ended test equipment as shown below.
1
3
2
NETWORK
ANALYZER
50
USER’S
DIFFERENTIAL
INTERFACE
150
TWINAX CABLE
PSC BALUN
P/N HFB050150
Insertion loss S21 is measured with two units connected back to back as shown.
Note 1: Correct value of S21 for each DUT will be 1/2 of the value shown in graph.
Note 2: Return loss S11 is measured on 50 ohm port with 150 ohms termination on balance port.
Typical Return Loss - S11
50 ohm Unbalanced Port
Typical Insertion Loss - S21
Two Baluns Configured Back to Back
-4 dB
1.2 GHz
1.0 MHz
1.2 GHz
0 dB
.5 dB/div
-15 dB
2 dB/div
1.0 MHz
NETWORK ANALYZER
CH-1
CH-2
DUT #1
DUT #2
Frequency (MHz)
Frequency (MHz)


Similar Part No. - HFB050078

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
HFB05-102-RC ALLIED-HFB05-102-RC Datasheet
656Kb / 1P
   High Frequency Ferrite Beads
HFB05-102-RC ALLIED-HFB05-102-RC Datasheet
657Kb / 1P
   High Frequency Ferrite Beads
HFB05-102-RC ALLIED-HFB05-102-RC Datasheet
657Kb / 1P
   High Frequency Ferrite Beads
HFB05-152-RC ALLIED-HFB05-152-RC Datasheet
656Kb / 1P
   High Frequency Ferrite Beads
HFB05-152-RC ALLIED-HFB05-152-RC Datasheet
657Kb / 1P
   High Frequency Ferrite Beads
More results

Similar Description - HFB050078

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T-050150 PULSE-T-050150 Datasheet
530Kb / 2P
   High-Frequency SMT Balun Adaptor
logo
DDK Ltd.
RF-ADAPTER DDK-RF-ADAPTER Datasheet
1Mb / 3P
   High-frequency N type Adapter
N-SA-JJ-HG DDK-N-SA-JJ-HG Datasheet
1Mb / 3P
   High-frequency N type Adapter
logo
Pulse A Technitrol Comp...
HFBM075100C PULSE-HFBM075100C Datasheet
156Kb / 1P
   HIGH FREQUENCY BALUN ADAPTOR For SMPTE-292M HDTV
HFB075100A PULSE-HFB075100A Datasheet
2Mb / 2P
   HIGH FREQUENCY BALUN ADAPTOR For SMPTE-292M HDTV
HFBM075100S PULSE-HFBM075100S Datasheet
132Kb / 1P
   HIGH FREQUENCY BALUN ADAPTOR For SMPTE-292M HDTV
logo
Raltron Electronics Cor...
RBL-1608-AM8-TR RALTRON-RBL-1608-AM8-TR Datasheet
405Kb / 3P
   BALUN
RBL-2012-A8-TR RALTRON-RBL-2012-A8-TR Datasheet
422Kb / 3P
   BALUN
logo
YAGEO Corporation
BLN1608LL01R5000A YAGEO-BLN1608LL01R5000A Datasheet
638Kb / 6P
   Balun
logo
Raltron Electronics Cor...
RBL-1608-AC6-TR RALTRON-RBL-1608-AC6-TR Datasheet
317Kb / 4P
   BALUN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com