Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STU3N45K3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STU3N45K3
Description  Gate charge minimized
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU3N45K3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STU3N45K3 Datasheet HTML 3Page - STMicroelectronics STU3N45K3 Datasheet HTML 4Page - STMicroelectronics STU3N45K3 Datasheet HTML 5Page - STMicroelectronics STU3N45K3 Datasheet HTML 6Page - STMicroelectronics STU3N45K3 Datasheet HTML 7Page - STMicroelectronics STU3N45K3 Datasheet HTML 8Page - STMicroelectronics STU3N45K3 Datasheet HTML 9Page - STMicroelectronics STU3N45K3 Datasheet HTML 10Page - STMicroelectronics STU3N45K3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DocID17206 Rev 3
7/14
STU3N45K3
Electrical characteristics
14
Figure 8. Capacitance variations
Figure 9. Output capacitance stored energy
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics
Figure 13. Normalized BVDSS vs temperature
C
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM10296v1
Eoss
0.3
0.2
0.1
0
0
100
VDS(V)
(µJ)
400
0.4
200
300
0.5
0.6
0.7
0.8
AM10297v1
VGS(th)
1.00
0.90
0.80
0.70
-75
TJ(°C)
(norm)
-25
1.10
75
25
125
ID=50µA
AM10298v1
RDS(on)
2.0
1.5
1.0
0.5
-75
TJ(°C)
(norm)
-25
75
25
125
2.5
0.0
ID=1.2A
AM10299v1
VSD
0
0.4
ISD(A)
(V)
1.6
0.8
1.2
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TJ=25°C
TJ=150°C
TJ=-50°C
AM10301v1
BVDSS
-75
TJ(°C)
(norm)
-25
75
25
125
0.90
0.95
1.00
1.05
1.10
ID=1mA
AM10300v1


Similar Part No. - STU3N45K3

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
STU3N45K3 STATEK-STU3N45K3 Datasheet
838Kb / 14P
   N-channel 450 V - 3.3 廓 typ., 1.8 A Zener-protected SuperMESH3??Power MOSFET in a IPAK package
More results

Similar Description - STU3N45K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NK50Z STMICROELECTRONICS-STP3NK50Z Datasheet
626Kb / 14P
   Gate charge minimized
August 2013 Rev 1
STW9NK95Z STMICROELECTRONICS-STW9NK95Z Datasheet
312Kb / 12P
   Gate charge minimized
July 2008 Rev 2
STDLED656 STMICROELECTRONICS-STDLED656 Datasheet
1Mb / 22P
   Gate charge minimized
March 2013 Rev 1
STDLED625H STMICROELECTRONICS-STDLED625H Datasheet
1Mb / 17P
   Gate charge minimized
March 2013 Rev 1
STF16N50U STMICROELECTRONICS-STF16N50U Datasheet
691Kb / 12P
   Gate charge minimized
September 2010 Rev 1
STQ1HN60K3-AP STMICROELECTRONICS-STQ1HN60K3-AP Datasheet
1Mb / 14P
   Gate charge minimized
April 2013 Rev 1
STD3N40K3 STMICROELECTRONICS-STD3N40K3 Datasheet
990Kb / 16P
   Gate charge minimized
July 2012 Rev 1
STDLED625 STMICROELECTRONICS-STDLED625 Datasheet
1Mb / 18P
   Gate charge minimized
August 2013 Rev 1
STF11N65K3 STMICROELECTRONICS-STF11N65K3 Datasheet
815Kb / 13P
   Gate charge minimized
October 2011 Rev 2
logo
Ruichips Semiconductor ...
RU4H10R RUICHIPS-RU4H10R Datasheet
300Kb / 9P
   N-Channel Advanced Power MOSFET Gate charge minimized
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com