Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6111A2DGNG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6111A2DGNG4
Description  150-mW Stereo Audio Power Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6111A2DGNG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA6111A2DGNG4 Datasheet HTML 4Page - Texas Instruments TPA6111A2DGNG4 Datasheet HTML 5Page - Texas Instruments TPA6111A2DGNG4 Datasheet HTML 6Page - Texas Instruments TPA6111A2DGNG4 Datasheet HTML 7Page - Texas Instruments TPA6111A2DGNG4 Datasheet HTML 8Page - Texas Instruments TPA6111A2DGNG4 Datasheet HTML 9Page - Texas Instruments TPA6111A2DGNG4 Datasheet HTML 10Page - Texas Instruments TPA6111A2DGNG4 Datasheet HTML 11Page - Texas Instruments TPA6111A2DGNG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
−120
0
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
20
20k
100
1k
10k
f − Frequency − Hz
VDD = 3.3 V,
RL = 16 Ω,
AV = −1 V/V
0.1
µF
0.47
µF
1
µF
Bypass = 1.65 V
−120
0
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
20
20k
100
1k
10k
f − Frequency − Hz
VDD = 5 V,
RL = 16 Ω,
AV = −1 V/V
0.1
µF
Bypass = 2.5 V
1
µF
0.47
µF
20
20k
100
1k
10k
0.001
10
0.01
0.1
1
f − Frequency − Hz
VDD = 5 V,
PO = 100 mW,
CB = 1 µF,
RL = 16 Ω
AV = −10 V/V
AV = −1 V/V
AV = −5 V/V
10
500
0.001
10
0.01
0.1
1
VDD = 5 V,
RL = 16 Ω,
AV = −1 V/V,
CB = 1 µF
PO − Output Power − mW
1 kHz
20 Hz
20 kHz
100
20
20k
100
1k
10k
0.001
10
0.01
0.1
1
f − Frequency − Hz
VDD = 3.3 V,
PO = 40 mW,
CB = 1 µF,
RL = 16 Ω,
AV = −1 V/V
10
500
0.001
10
0.01
0.1
1
VDD = 3.3 V,
RL =16 Ω,
AV = −1 V/V,
CB = 1 µF
PO − Output Power − mW
1 kHz
20 kHz
100
20 Hz
8
TPA6111A2
SLOS313C – DECEMBER 2000 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPA6111A2
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Figure 11. Total Harmonic Distortion + Noise vs Frequency
Figure 12. Total Harmonic Distortion + Noise vs Output
Power
Figure 13. Total Harmonic Distortion + Noise vs Frequency
Figure 14. Total Harmonic Distortion + Noise vs Output
Power
Figure 15. Supply Ripple Rejection Ratio vs Frequency
Figure 16. Supply Ripple Rejection Ratio vs Frequency


Similar Part No. - TPA6111A2DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6111A2DGNG4 TI-TPA6111A2DGNG4 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA6111A2DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com