Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPA00928PWPR Datasheet(PDF) 1 Page - Texas Instruments

Part # HPA00928PWPR
Description  6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA00928PWPR Datasheet(HTML) 1 Page - Texas Instruments

  HPA00928PWPR Datasheet HTML 1Page - Texas Instruments HPA00928PWPR Datasheet HTML 2Page - Texas Instruments HPA00928PWPR Datasheet HTML 3Page - Texas Instruments HPA00928PWPR Datasheet HTML 4Page - Texas Instruments HPA00928PWPR Datasheet HTML 5Page - Texas Instruments HPA00928PWPR Datasheet HTML 6Page - Texas Instruments HPA00928PWPR Datasheet HTML 7Page - Texas Instruments HPA00928PWPR Datasheet HTML 8Page - Texas Instruments HPA00928PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LINP
LINN
RINP
RINN
SD
SD
Fault
Fault
PLIMIT
PBTL
PVCC
8 to 26V
1 F
m
OUTNL
FERRITE
BEAD
FILTER
OUTPL
6W
FERRITE
BEAD
FILTER
FERRITE
BEAD
FILTER
8W
OUTR+
OUTR-
OUTL+
OUTL-
Audio
Source
TPA3113D2
GAIN0
GAIN1
OUTNR
FERRITE
BEAD
FILTER
OUTPR
6W
8W
FERRITE
BEAD
FILTER
FERRITE
BEAD
FILTER
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPA3113D2
SLOS650F – AUGUST 2009 – REVISED JUNE 2016
TPA3113D2 6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard™
1
1 Features
1
6-W/ch into an 8-
Ω Loads at 10% THD+N From a
10-V Supply
12-W into a 4-
Ω Mono Load at 10% THD+N From
a 10-V Supply
87% Efficient Class-D Operation Eliminates Need
for Heat Sinks
Wide Supply Voltage Range Allows Operation
from 8 V to 26 V
Filter-Free Operation
SpeakerGuard™ Speaker Protection Includes
Adjustable Power Limiter Plus DC Protection
Flow-Through Pinout Facilitates Easy Board
Layout
Robust Pin-to-Pin Short-Circuit Protection and
Thermal Protection With Auto Recovery Option
Excellent THD+N and Pop-Free Performance
Four Selectable, Fixed Gain Settings
Differential Inputs
2 Applications
Televisions
Consumer Audio Equipment
Monitors
3 Description
The TPA3113D2 is a 6-W (per channel) efficient,
Class-D audio power amplifier for driving bridged-tied
stereo
speakers.
Advanced
EMI
Suppression
Technology enables the use of inexpensive ferrite
bead filters at the outputs while meeting EMC
requirements. SpeakerGuard™ speaker protection
circuitry includes an adjustable power limiter and a
DC detection circuit. The adjustable power limiter
allows the user to set a virtual voltage rail lower than
the chip supply to limit the amount of current through
the speaker. The DC detect circuit measures the
frequency and amplitude of the PWM signal and
shuts off the output stage if the input capacitors are
damaged or shorts exist on the inputs.
The TPA3113D2 can drive stereo speakers as low as
4
Ω. The high efficiency of the TPA3113D2, 87%,
eliminates the need for an external heat sink when
playing music.
The outputs are also fully protected against shorts to
GND, VCC, and output-to-output. The short-circuit
protection and thermal protection includes an auto-
recovery feature.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPA3113D2
TSSOP (28)
9.70 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
TPA3113D2 Simplified Application Schematic


Similar Part No. - HPA00928PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA00929RTJR TI1-HPA00929RTJR Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
HPA00929YZHR TI1-HPA00929YZHR Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results

Similar Description - HPA00928PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3110D2 TI1-TPA3110D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3112D1-Q1 TI-TPA3112D1-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPA3112D1-Q1 25-W Filter-Free Mono Class-D Audio Power Amplifier With SpeakerGuard?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com