Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR011003FO Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # CR011003FO
Description  Thick Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CR011003FO Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  CR011003FO Datasheet HTML 1Page - American Accurate Components, Inc. CR011003FO Datasheet HTML 2Page - American Accurate Components, Inc. CR011003FO Datasheet HTML 3Page - American Accurate Components, Inc. CR011003FO Datasheet HTML 4Page - American Accurate Components, Inc. CR011003FO Datasheet HTML 5Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
American Accurate Components, Inc.
Thick Film Chip Resistors
188 Technology Drive Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
Email: sales@aacix.com
1
SCHEMATIC
Wrap Around Terminal
CR, CJ, type
DIMENSIONS (mm)
Size
Size Code
L
W
c
d
t
01005
00
0.40 + 0.03
0.20 + 0.03
0.10 + 0.05
0.10 + 0.05
0.13 + 0.05
0201
20
0.60 + 0.03
0.30 + 0.03
0.10 + 0.05
0.15 + 0.05
0.23 + 0.03
0402
05
1.00 +0.1-0.05
0.50+ 0.05
0.20 + 0.10
0.25+ 0.10
0.35 + 0.05
0603
16
1.60 + 0.10
0.80 + 0.10
0.30 + 0.20
0.30+0.20-0.10
0.45 + 0.10
0805
10
2.00 + 0.10
1.25 + 0.10
0.40 + 0.20
0.40 + 0.20
0.50 + 0.10
1206
18
3.10 + 0.10
1.55 + 0.10
0.50 + 0.30
0.40 + 0.20
0.55 + 0.10
1210
14
3.10 + 0.10
2.55 + 0.10
0.50 + 0.30
0.40 + 0.20
0.60 + 0.10
2010
12
5.00 + 0.15
2.50 + 0.15
0.60 + 0.30
0.50+ 0.25
0.60 + 0.10
2512
01
6.30 + 0.20
3.20 + 0.20
0.60 + 0.30
0.50+ 0.25
0.60 + 0.10
2512-P
01P
6.30 + 0.20
3.20 + 0.20
0.60 + 0.30
0.50+ 0.25
0.60 + 0.10
ELECTRICAL SPECIFICATIONS for CHIP RESISTORS
Size
01005
0201
0402
0603
0805
Power Rating (EIA 575)
1/32W
1/20W
1/16W
1/10W
1/8W
Max. Working Voltage*
15V
25V
50V
50V
150V
Max. Overload Voltage
30V
50V
100V
100V
300V
Operating Temp.
70°C
70°C
70°C
70°C
70°C
Size
1206
1210
2010
2512
Power Rating (EIA 575)
1/4W
1/3W
1/2W
1W
Max. Working Voltage*
200V
200V
200V
200V
Max. Overload Voltage
400V
400V
400V
400V
Operating Temp.
70°C
70°C
70°C
70°C
HOW TO ORDER
CR
10
- 1003
F
M
Packaging
M = 7” Reel
O = Cutting Tape
B = Bulk
K = Sample Kit
Tolerance (%)
J = +5 F = +1 G = +0.5 D = +0.1
EIA Resistance Value
Standard Decade Values
Size
20 = 0201
10 = 0805
01P = 2512-P
05 = 0402
18 = 1206
00 = 01005
16 = 0603
14 = 1210
12 = 2010
01 = 2512
Series
CJ = Jumper
CR = Resistor
Wrap Around
Termination Material:
Sn
Ceramic Substrate
Resistive Element
Overcoat
Conductor
FEATURES
Excellent stability over a wide range of
environmental conditions
Small size to 01005
RoHs Compliance


Similar Part No. - CR011003FO

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CR011002F MERITEK-CR011002F Datasheet
156Kb / 7P
   Thick Film Chip Resistors
CR011002J MERITEK-CR011002J Datasheet
156Kb / 7P
   Thick Film Chip Resistors
More results

Similar Description - CR011003FO

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com