Electronic Components Datasheet Search |
|
SP-480-15 Datasheet(PDF) 1 Page - Total Power International |
|
SP-480-15 Datasheet(HTML) 1 Page - Total Power International |
1 / 2 page .. SPECIFICATION SP-480-3.3 SP-480-5 SP-480-12 SP-480-15 SP-480-24 SP-480-48 MODEL DCVOLTAGE RATEDCURRENT CURRENTRANGE RATEDPOWER OUTPUT VOLTAGE ADJ.RANGE LINEREGULATION LOADREGULATION SETUP,RISETIME HOLDUP TIME (Typ.) VOLTAGERANGE Note.7 FREQUENCY RANGE POWERFACTOR (Typ.) EFFICIENCY (Typ.) INPUT INRUSHCURRENT (Typ.) LEAKAGECURRENT OVERTEMPERATURE Note.4 SAFETY STANDARDS HARMONICCURRENT EMSIMMUNITY WORKINGHUMIDITY WORKINGTEMP. STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION MTBF REMOTECONTROL DIMENSION OTHERS NOTE PACKING OVERLOAD OVERVOLTAGE ACCURRENT (Typ.) 3.3V 5V 12V 15V 24V 48V 85A 85A 40A 32A 20A 10A 0~85A 0~85A 0~43A 0~35A 0~22A 0~11A 280.5W 280.5W 425W 425W 480W 516W 480W 525W 480W 528W 480W 528W 80mVp-p 80mVp-p 120mVp-p 150mVp-p 150mVp-p 240mVp-p 2.9~3.6V 4.5~5.5V 10.8~13.2V 13.5~18V 22~27.6V 41~56V ± 2.0% ± 2.0% ± 1.5% ± 1.5% ± 1.0% ± 1.0% ± 0.5% ± 0.5% ± 0.3% ± 0.3% ± 0.2% ± 0.2% ± 1.0% ± 1.0% ± 0.5% ± 0.5% ± 0.5% ± 0.5% 1000ms,80ms/230VAC2500ms,80ms/115VACatfullload 18ms/230VAC18ms/115VACatfullload 85~264VAC120~370VDC 47~63Hz PF>0.95/230VACPF>0.98/115VACatfullload 73% 79% 85% 85% 87% 89% 6.5A/115VAC3.5A/230VAC 20A/115VAC40A/230VAC <2mA /240VAC 87~103A 87~103A 45.15~58.05A 36.75~47.25A 23.1~29.7A 11.55~14.85A 3.8~4.45V 5.75~6.75V 13.8~16.2V 18~21V 28.8~33.6V 57.6~67.2V Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterconditionsisremoved Protectiontype:Shutdowno/pvoltage,re-powerontorecover 80 (TSW1)detectonheatsinkofpowertransistor90 (TSW2)detectonheatsinkofpowerdiode Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown UL60950-1, TUVEN60950-1approved CompliancetoEN55022(CISPR22)ClassB Complianceto EN61000-3-2,-3 Complianceto EN61000-4-2,3,4,5,6,8,11;ENV50204,EN61000-6-2(EN50082-2),lightindustrylevel,criteria A 20~90%RHnon-condensing -20~+60 (Refertooutputloadderatingcurve) -40~+85 ,10~95%RH ± ) 0.03%/ (0~50 10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes 120.5Khrsmin.MIL-HDBK-217F(25 ) RC+/RC-:0~0.8V=poweron;4~10V=poweroff 278*127*43mm(L*W*H) 1.7Kg;6pcs/11.3Kg/0.67CUFT 1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. TSW1: Detect on heatsink of power transistor. TSW2: Detect on heatsink of output diode. 5. 33% Duty cycle maximum within every 30 minute. Average output power should not exceed the rated power. 6. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 7. Derating may be needed under low input voltages. Please check the derating curve for more details. FUNCTION 480WSingleOutputwithPFCFunction Universal AC input / Full range Built in active PFC function, PF>0.95 Protections: Short circuit / Overload / Over voltage / Over temperature Forced air cooling by built-in DC fan High power density 5.18w/in Low profile:43mm thickness Built-in remote ON-OFF control Built-in remote sense function Active AC surge current limiting 3 years warranty 3 Features : S P - 4 8 0 series WITHSTANDVOLTAGE ISOLATIONRESISTANCE I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:Short I/P-O/P,I/P-FG:100MOhms/500VDC RIPPLE&NOISE(max.) Note.2 VOLTAGETOLERANCE Note.3 ENVIRONMENT SAFETY & EMC (Note6) PROTECTION EMICONDUCTION&RADIATION PEAKLOAD(10min.) Note.5 Authorized Distributor: Total Power International, Inc. Toll Free: 877-646-0900(US)PH# (978) 453-7272 www.total-power.com |
Similar Part No. - SP-480-15 |
|
Similar Description - SP-480-15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |