Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320VC5510AGGW1 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320VC5510AGGW1
Description  Fixed-Point Digital Signal Processors
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5510AGGW1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320VC5510AGGW1 Datasheet HTML 7Page - Texas Instruments TMS320VC5510AGGW1 Datasheet HTML 8Page - Texas Instruments TMS320VC5510AGGW1 Datasheet HTML 9Page - Texas Instruments TMS320VC5510AGGW1 Datasheet HTML 10Page - Texas Instruments TMS320VC5510AGGW1 Datasheet HTML 11Page - Texas Instruments TMS320VC5510AGGW1 Datasheet HTML 12Page - Texas Instruments TMS320VC5510AGGW1 Datasheet HTML 13Page - Texas Instruments TMS320VC5510AGGW1 Datasheet HTML 14Page - Texas Instruments TMS320VC5510AGGW1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
Features
11
June 2000 − Revised September 2007
SPRS076O
1
Features
D High-Performance, Low-Power,
Fixed-Point TMS320C55x
Digital Signal Processor (DSP)
− 6.25-/5-ns Instruction Cycle Time
− 160-/200-MHz Clock Rate
− One/Two Instructions Executed per Cycle
− Dual Multipliers (Up to 400 Million
Multiply-Accumulates Per Second
(MMACS))
− Two Arithmetic/Logic Units
− One Internal Program Bus
− Three Internal Data/Operand Read Buses
− Two Internal Data/Operand Write Buses
D Instruction Cache (24K Bytes)
D 160K x 16-Bit On-Chip RAM Composed of:
− Eight Blocks of 4K
× 16-Bit
Dual-Access RAM (DARAM) (64K Bytes)
− 32 Blocks of 4K
× 16-Bit
Single-Access RAM (SARAM)
(256K Bytes)
D 16K × 16-Bit On-Chip ROM (32K Bytes)
D 8M × 16-Bit Maximum Addressable
External Memory Space
D 32-Bit External Memory Interface (EMIF)
With Glueless Interface to:
− Asynchronous Static RAM (SRAM)
− Asynchronous EPROM
− Synchronous DRAM (SDRAM)
− Synchronous Burst SRAM (SBSRAM)
D Programmable Low-Power Control of Six
Device Functional Domains
D On-Chip Peripherals
− Two 20-Bit Timers
− Six-Channel Direct Memory Access
(DMA) Controller
− Three Multichannel Buffered Serial Ports
(McBSPs)
− 16-Bit Parallel Enhanced Host-Port
Interface (EHPI)
− Programmable Digital Phase-Locked
Loop (DPLL) Clock Generator
− Eight General-Purpose I/O (GPIO) Pins
and Dedicated General-Purpose
Output (XF)
D On-Chip Scan-Based Emulation Logic
D IEEE Std 1149.1(JTAG) Boundary Scan
Logic
D 240-Terminal MicroStar BGA
(Ball Grid Array) (GGW Suffix)
D 240-Terminal MicroStar BGA
(Ball Grid Array) (ZGW Suffix) [Lead-Free]
D 3.3-V I/O Supply Voltage
D 1.6-V Core Supply Voltage
TMS320C55x and MicroStar BGA are trademarks of Texas Instruments.
Other trademarks are the property of their respective owners.
† IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.


Similar Part No. - TMS320VC5510AGGW1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5510AGGW1 TI-TMS320VC5510AGGW1 Datasheet
1Mb / 90P
[Old version datasheet]   Digital Signal Processors
TMS320VC5510AGGW1 TI1-TMS320VC5510AGGW1 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320VC5510AGGW1 TI1-TMS320VC5510AGGW1 Datasheet
1Mb / 90P
[Old version datasheet]   TMS320VC5510/5510A Fixed-Point Digital Signal Processors
More results

Similar Description - TMS320VC5510AGGW1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com