Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F28069FPFPQ Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28069FPFPQ
Description  Piccolo Microcontrollers
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28069FPFPQ Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320F28069FPFPQ Datasheet HTML 3Page - Texas Instruments TMS320F28069FPFPQ Datasheet HTML 4Page - Texas Instruments TMS320F28069FPFPQ Datasheet HTML 5Page - Texas Instruments TMS320F28069FPFPQ Datasheet HTML 6Page - Texas Instruments TMS320F28069FPFPQ Datasheet HTML 7Page - Texas Instruments TMS320F28069FPFPQ Datasheet HTML 8Page - Texas Instruments TMS320F28069FPFPQ Datasheet HTML 9Page - Texas Instruments TMS320F28069FPFPQ Datasheet HTML 10Page - Texas Instruments TMS320F28069FPFPQ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 177 page
background image
Copyright © 2010–2016, Texas Instruments Incorporated
Device Comparison
Submit Documentation Feedback
Product Folder Links: TMS320F28069 TMS320F28068 TMS320F28067 TMS320F28066 TMS320F28065
TMS320F28064 TMS320F28063 TMS320F28062
7
TMS320F28069, TMS320F28068, TMS320F28067, TMS320F28066
TMS320F28065, TMS320F28064, TMS320F28063, TMS320F28062
www.ti.com
SPRS698F – NOVEMBER 2010 – REVISED MARCH 2016
3
Device Comparison
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor differences between devices that do not affect the
basic functionality of the module. These device-specific differences are listed in the TMS320x28xx, 28xxx DSP Peripheral Reference Guide (SPRU566) and in the peripheral reference
guides.
(2)
USB is present on TMS320F2806xU, TMS320F2806xM, and TMS320F2806xF devices.
(3)
The "Q" temperature option is not available on the TMS320F2806xU devices.
(4)
TMS320F2806xM devices are InstaSPIN-MOTION-enabled MCUs. TMS320F2806xF devices are InstaSPIN-FOC-enabled MCUs. For more information, see Section 8.2 for a list of
InstaSPIN Technical Reference Manuals.
Table 3-1. Device Comparison
FEATURE
TYPE
(1)
28069
28069U
(2) (3)
28069M
(2) (4)
28069F
(2) (4)
(90 MHz)
28068
28068U
(2) (3)
28068M
(2) (4)
28068F
(2) (4)
(90 MHz)
28067
28067U
(2) (3)
(90 MHz)
28066
28066U
(2) (3)
(90 MHz)
28065
28065U
(2) (3)
(90 MHz)
28064
28064U
(2) (3)
(90 MHz)
28063
28063U
(2) (3)
(90 MHz)
28062
28062U
(2) (3)
28062F
(2) (4)
(90 MHz)
Package Type
(PFP and PZP are PowerPAD HTQFPs.
PN and PZ are LQFPs.)
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
100-Pin
PZ
PZP
80-Pin
PN
PFP
Instruction cycle
11.11 ns
11.11 ns
11.11 ns
11.11 ns
11.11 ns
11.11 ns
11.11 ns
11.11 ns
Floating-Point Unit (FPU)
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
VCU
Yes
Yes
No
No
Yes
Yes
No
No
CLA
0
Yes
No
No
No
Yes
No
No
No
6-Channel DMA
0
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
On-chip Flash (16-bit word)
128K
128K
128K
128K
64K
64K
64K
64K
On-chip SARAM (16-bit word)
50K
50K
50K
34K
50K
50K
34K
26K
Code security for on-chip Flash, SARAM,
and OTP blocks
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Boot ROM (32K × 16)
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
One-time programmable (OTP) ROM
(16-bit word)
1K
1K
1K
1K
1K
1K
1K
1K
ePWM channels
1
16
14
16
14
16
14
16
14
16
14
16
14
16
14
16
14
High-resolution ePWM Channels
1
8
8
8
8
8
8
8
8
eCAP inputs
0
3
3
3
3
3
3
3
3
HRCAP
0
4
1
4
1
4
1
4
1
4
1
4
1
4
1
4
1
eQEP modules
0
2
1
2
1
2
1
2
1
2
1
2
1
2
1
2
1
Watchdog timer
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
12-Bit ADC
MSPS
3
3.46
3.46
3.46
3.46
3.46
3.46
3.46
3.46
Conversion Time
289 ns
289 ns
289 ns
289 ns
289 ns
289 ns
289 ns
289 ns
Channels
16
12
16
12
16
12
16
12
16
12
16
12
16
12
16
12
Temperature Sensor
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Dual Sample-and-Hold
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
32-Bit CPU timers
3
3
3
3
3
3
3
3
Comparators with Integrated DACs
0
3
3
3
3
3
3
3
3
I
2C
0
1
1
1
1
1
1
1
1


Similar Part No. - TMS320F28069FPFPQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28069FPFPQ TI-TMS320F28069FPFPQ Datasheet
1Mb / 174P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069FPFPQ TI-TMS320F28069FPFPQ Datasheet
1Mb / 173P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069FPFPQ TI1-TMS320F28069FPFPQ Datasheet
1Mb / 173P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069FPFPQ TI1-TMS320F28069FPFPQ Datasheet
2Mb / 177P
[Old version datasheet]   Fast Interrupt Response and Processing
TMS320F28069FPFPQ TI1-TMS320F28069FPFPQ Datasheet
2Mb / 179P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F28069FPFPQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com