Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320DM6446BZWTA Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6446BZWTA
Description  Digital Media System-on-Chip
Download  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6446BZWTA Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320DM6446BZWTA Datasheet HTML 6Page - Texas Instruments TMS320DM6446BZWTA Datasheet HTML 7Page - Texas Instruments TMS320DM6446BZWTA Datasheet HTML 8Page - Texas Instruments TMS320DM6446BZWTA Datasheet HTML 9Page - Texas Instruments TMS320DM6446BZWTA Datasheet HTML 10Page - Texas Instruments TMS320DM6446BZWTA Datasheet HTML 11Page - Texas Instruments TMS320DM6446BZWTA Datasheet HTML 12Page - Texas Instruments TMS320DM6446BZWTA Datasheet HTML 13Page - Texas Instruments TMS320DM6446BZWTA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 227 page
background image
TMS320DM6446
SPRS283H – DECEMBER 2005 – REVISED SEPTEMBER 2010
www.ti.com
Table 2-1. Characteristics of the Processor (continued)
HARDWARE FEATURES
DM6446
DSP 810 MHz
DM6446 - 810
ARM 405 MHz
DSP 594 MHz
CPU Frequency
MHz
DM6446 - 594
ARM 297 MHz
DSP 513 MHz
DM6446A - 513
ARM 256.5 MHz
DSP 1.23 ns
DM6446 - 810
ARM 2.47 ns
DSP 1.68 ns
Cycle Time
ns
DM6446 - 594
ARM 3.37 ns
DSP 1.95 ns
DM6446A - 513
ARM 3.90 ns
1.2 V (-594, A-513)
Core (V)
Voltage
1.3 V (-810)
I/O (V)
1.8 V, 3.3 V (-810, -594, A-513)
x1 (Bypass), x30 (-810)
CLKIN frequency multiplier
PLL Options
(27 MHz reference)
x1 (Bypass), x22 (-594, A-513)
16 x 16 mm
BGA Package
361-Pin BGA (ZWT)
ball finish SnAgCu
Process Technology
mm
0.09 mm
Product Preview (PP),
Product Status(1)
Advance Information (AI),
PD
or Production Data (PD)
(1)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
2.2
Device Compatibility
The ARM926EJ-S RISC CPU is compatible with other ARM9 CPUs from ARM Holdings plc.
The C64x+ DSP core is code-compatible with the C6000™ DSP platform and supports features of the
C64x DSP family.
2.3
ARM Subsystem
The ARM Subsystem is designed to give the ARM926EJ-S (ARM9) master control of the device. In
general, the ARM is responsible for configuration and control of the device; including the DSP Subsystem,
the VPSS Subsystem, and a majority of the peripherals and external memories.
The ARM Subsystem includes the following features:
ARM926EJ-S RISC processor
ARMv5TEJ (32/16-bit) instruction set
Little endian
Co-Processor 15 (CP15)
MMU
16KB Instruction cache
8KB Data cache
Write Buffer
16KB Internal RAM (32-bit-wide access)
8KB Internal ROM (ARM bootloader for non-EMIFA boot options)
Embedded Trace Module and Embedded Trace Buffer (ETM/ETB)
10
Device Overview
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6446


Similar Part No. - TMS320DM6446BZWTA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6446BZWTA TI1-TMS320DM6446BZWTA Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media System-on-Chip
More results

Similar Description - TMS320DM6446BZWTA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com