Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM2PA46F Datasheet(PDF) 7 Page - Rohm

Part # BM2PA46F
Description  PWM type DC/DC converter IC Included a Switching MOSFET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2PA46F Datasheet(HTML) 7 Page - Rohm

Back Button BM2PA46F Datasheet HTML 3Page - Rohm BM2PA46F Datasheet HTML 4Page - Rohm BM2PA46F Datasheet HTML 5Page - Rohm BM2PA46F Datasheet HTML 6Page - Rohm BM2PA46F Datasheet HTML 7Page - Rohm BM2PA46F Datasheet HTML 8Page - Rohm BM2PA46F Datasheet HTML 9Page - Rohm BM2PA46F Datasheet HTML 10Page - Rohm BM2PA46F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/19
Datasheet
Datasheet
BM2PXX5F/BM2PXX6F/BM2PXX7F/BM2PXX8F Series
TSZ02201-0F2F0A200210-1-2
28.Oct.2016.Rev.002
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
●Block Description
(1) Start circuit (DRAIN: Pin 4)
This IC has a built-in start circuit. It enables low standby mode electricity and high speed start.
After start up, consumption power is determined by idling current I
START3 (Typ=10uA) only.
Reference values of starting time are shown in Figure 6. When C
vcc=10uF it can start in less than 0.1 sec.
+
-
VCCUVLO
VCC
Cvcc
DRAIN
FUSE
+
-
Diode
Bridge
SW1
AC
85- 265 Vac
Figure 4. Block Diagram of Start Circuit
Figure 5. Start Current vs VCC Voltage
Figure 6. Start Time (reference value)
* Start current flows from the DRAIN pin
Ex) Consumption power of start circuit only when Vac=100V
PVH=100V*√2*10uA=1.41mW
Ex) Consumption power of start circuit only when Vac=240V
PVH=240V*√2*10uA=3.38mW
0.0 
0.1 
0.2 
0.3 
0.4 
0.5 
0.6 
0.7 
0.8 
0.9 
1.0 
0
5
10
15
20
25
30
35
40
45
50
Cvcc  [uF]


Similar Part No. - BM2PA46F

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P011 ROHM-BM2P011 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P012 ROHM-BM2P012 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P013 ROHM-BM2P013 Datasheet
1,011Kb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
954Kb / 19P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
More results

Similar Description - BM2PA46F

ManufacturerPart #DatasheetDescription
logo
Rohm
BM2P015-Z ROHM-BM2P015-Z Datasheet
1Mb / 24P
   PWM type DC/DC converter IC Included a Switching MOSFET
26.Oct.2021 Rev.005
BM2P074KF-G ROHM-BM2P074KF-G Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 800V MOSFET
BM2P0391 ROHM-BM2P0391 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P074KF ROHM-BM2P074KF Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 800V MOSFET
BM2P014-E ROHM-BM2P014-E Datasheet
954Kb / 19P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P013 ROHM-BM2P013 Datasheet
1,011Kb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P053F ROHM-BM2P053F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P014 ROHM-BM2P014 Datasheet
1Mb / 22P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P054F ROHM-BM2P054F_17 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
BM2P011 ROHM-BM2P011 Datasheet
1Mb / 23P
   PWM type DC/DC converter IC Included 650V MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com