Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320DM6441ZWT Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320DM6441ZWT
Description  Digital Media System-on-Chip
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6441ZWT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320DM6441ZWT Datasheet HTML 7Page - Texas Instruments TMS320DM6441ZWT Datasheet HTML 8Page - Texas Instruments TMS320DM6441ZWT Datasheet HTML 9Page - Texas Instruments TMS320DM6441ZWT Datasheet HTML 10Page - Texas Instruments TMS320DM6441ZWT Datasheet HTML 11Page - Texas Instruments TMS320DM6441ZWT Datasheet HTML 12Page - Texas Instruments TMS320DM6441ZWT Datasheet HTML 13Page - Texas Instruments TMS320DM6441ZWT Datasheet HTML 14Page - Texas Instruments TMS320DM6441ZWT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 236 page
background image
TMS320DM6441
www.ti.com
SPRS359E – SEPTEMBER 2006 – REVISED AUGUST 2010
Table 2-1. Characteristics of the Processor (continued)
HARDWARE FEATURES
DM6441
DSP 2.47 ns, ARM 4.94 ns at 1.05 V
Cycle Time
ns
DSP 1.9 ns, ARM 3.9 ns at 1.2V
Core (V)
1.05 V, 1.2 V
Voltage
I/O (V)
1.8 V, 3.3 V
CLKIN frequency multiplier
PLL Options
x1 (bypass), x15 (1.05 V), x19 (1.2 V)
(27 MHz reference)
16 x 16 mm
BGA Package
361-pin BGA (ZWT)
ball finish SnAgCu
Process Technology
µm
0.09 µm
Product Preview (PP),
Product Status(1)
Advance Information (AI),
PD
Production Data (PD)
(1)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
2.2
Device Compatibility
The ARM926EJ-S RISC CPU is compatible with other ARM9 CPUs from ARM Holdings plc.
The C64x+ DSP core is code-compatible with the C6000™ DSP platform and supports features of the
C64x DSP family.
2.3
ARM Subsystem
The ARM subsystem is designed to give the ARM926EJ-S (ARM9) master control of the device. In
general, the ARM is responsible for configuration and control of the device; including the DSP subsystem,
the VPSS subsystem, and a majority of the peripherals and external memories.
The ARM subsystem includes the following features:
ARM926EJ-S RISC processor
ARMv5TEJ (32/16-bit) instruction set
Little endian
Coprocessor 15 (CP15)
MMU
16KB instruction cache
8KB data cache
Write buffer
16KB internal RAM (32-bit-wide access)
8KB internal ROM (ARM bootloader for non-EMIFA boot options)
Embedded trace module and embedded trace buffer (ETM/ETB)
ARM interrupt controller
PLL controller
Power and sleep controller (PSC)
System module
Copyright © 2006–2010, Texas Instruments Incorporated
Device Overview
11
Submit Documentation Feedback
Product Folder Link(s): TMS320DM6441


Similar Part No. - TMS320DM6441ZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441ZWT TI-TMS320DM6441ZWT Datasheet
1Mb / 229P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441ZWT TI-TMS320DM6441ZWT Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441ZWT TI-TMS320DM6441ZWT Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441ZWT TI1-TMS320DM6441ZWT Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
More results

Similar Description - TMS320DM6441ZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com