Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320DM6435 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6435
Description  Digital Media Processor
Download  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6435 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320DM6435 Datasheet HTML 2Page - Texas Instruments TMS320DM6435 Datasheet HTML 3Page - Texas Instruments TMS320DM6435 Datasheet HTML 4Page - Texas Instruments TMS320DM6435 Datasheet HTML 5Page - Texas Instruments TMS320DM6435 Datasheet HTML 6Page - Texas Instruments TMS320DM6435 Datasheet HTML 7Page - Texas Instruments TMS320DM6435 Datasheet HTML 8Page - Texas Instruments TMS320DM6435 Datasheet HTML 9Page - Texas Instruments TMS320DM6435 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 252 page
background image
Revision History
TMS320DM6435
Digital Media Processor
SPRS344C – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the technical changes made to the SPRS344B device-specific
data manual to make it an SPRS344C revision.
This data manual revision history highlights the technical changes made to the SPRS344B device-specific
data manual to make it an SPRS344C revision.
Scope: Applicable updates to the TMS320DM643x DMP, specifically relating to the TMS320DM6435
device, have been incorporated.
• Added 660- and 700-MHz C64x+™ device speeds.
• Added designators for low-power (-L) devices.
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Global
Updated/Changed signal name from "C_WE" to "C_WE"
Updated/Changed signal name from "C_WEN" to "C_WE"
Section 1.1
Added "5280, 5600 MIPS" to "High-Performance Digital Signal Processor (DM6435)" bullet
Section 1.2
In first paragraph, updated/changed the following:
First sentence from "With performance up to 4800 million instructions per second (MIPS) at a clock
rate of 600 MHz..." to "With performance up to 5600 million instructions per second (MIPS) with a
clock rate of 700 MHz..."
Fifth sentence from "The DSP core can produce...for a total of 2400 million MACs per second...or a
total of 4800 MMACS."to "The DSP core can produce...for a total of 2800 million MACs per
second...or a total of 5600 MMACS."
Section 2.6
Table 2-19, Multichannel Audio Serial Port (McASP0) Terminal Functions:
Updated/Changed AFSR0/DR0/GP[100] pin description from "... frame synchronization AFSX0..." to
"...frame synchronization AFSR0..."
Updated/Changed AFSX0/DX1/GP[107] pin description from "...frame synchronization AFSR0..." to
"...frame synchronization AFSX0..."
Section 2.8
Updated/Changed Figure 2-10, Device Nomenclature, to reflect new device speeds and low-power
designator (-L suffix).
Section 5
Added footnote to Section 5.1, Absolute Maximum Ratings Over Operating Temperature Range (Unless
Otherwise Noted).
Section 5
Updated/Changed ICDD and IDDD test conditions and footnote in Section 5.3, Electrical Characteristics Over
Recommended Ranges of Supply Voltage and Operating Temperature (Unless Otherwise Noted).
Section 5.2
Deleted "Future variants..." footnote from table
Section 6.7.1
Table 6-15, PLLC1 Clock Frequency Ranges:
Updated/Changed PLLOUT 1.2V-CVDD max value from "700 MHz" to "600 MHz" for
-6/-5/-4/-L/-Q6/-Q5/-Q4 devices.
Updated/Changed SYSCLK1 1.05V-CVDD max value from "560 MHz" to "520 MHz" for -7 devices.
Section 6.7.1
Updated/Changed sentence from "TI requires EMI filter manufacturer Murata..." to "TI recommends EMI
filter manufacturer Murata..."
Section 6.7.4
Deleted "(-4, -4Q, -4S, -5, -5Q, -5S, -6)" from Table 6-19 title, Timing Requirements for MXI/CLKIN.
Revision History
6
Submit Documentation Feedback


Similar Part No. - TMS320DM6435

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6435 TI-TMS320DM6435 Datasheet
1Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435EZWT6 TI1-TMS320DM6435EZWT6 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435ZDU6 TI1-TMS320DM6435ZDU6 Datasheet
1Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435ZDU6 TI1-TMS320DM6435ZDU6 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
More results

Similar Description - TMS320DM6435

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433_17 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_08 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com