Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM1R00149F Datasheet(PDF) 6 Page - Rohm

Part # BM1R00149F
Description  Secondary Side Synchronous Rectification Controller IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM1R00149F Datasheet(HTML) 6 Page - Rohm

Back Button BM1R00149F Datasheet HTML 2Page - Rohm BM1R00149F Datasheet HTML 3Page - Rohm BM1R00149F Datasheet HTML 4Page - Rohm BM1R00149F Datasheet HTML 5Page - Rohm BM1R00149F Datasheet HTML 6Page - Rohm BM1R00149F Datasheet HTML 7Page - Rohm BM1R00149F Datasheet HTML 8Page - Rohm BM1R00149F Datasheet HTML 9Page - Rohm BM1R00149F Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6/22
TSZ02201-0F4F0A200300-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
20. Apr. 2016 Rev.003
www.rohm.com
TSZ22111 • 15 • 001
BM1R00146F BM1R00147F BM1R00148F BM1R00149F BM1R00150F
Absolute Maximum Ratings (Ta = 25°C)
Parameter
Symbol
Rating
Unit
VCC Input Voltage
VMAX_VCC
-0.3 to +40
(Note 1)
V
MAX_TON Input Voltage
VMAX_MAX_TON
-0.3 to +40
(Note 1)
V
SH_IN Input Voltage
VMAX_SH_IN
-0.3 to +40
(Note 2)
V
SH_OUT Input Voltage
VMAX_SH_OUT
-0.3 to +40
(Note 2)
V
Gate Input Voltage
VMAX_GATE
-0.3 to 15.5
(Note 1)
V
Drain Input Voltage
VMAX_DRAIN
120
(Note 1)(Note 3)
V
Maximum Junction Temperature
Tjmax
+150
°C
Operating Temperature Range
Topr
-40 to +105
°C
Storage Temperature
Tstr
-55 to +150
°C
(Note 1) Reference SR_GND
(Note 2) Reference SH_GND
(Note 3) When a negative voltage is applied, current flows through the ESD protection device.
This current value is about 6mA or less and will require a current limiting resistor to the DRAIN terminal
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse in case the IC is operated over
the absolute maximum ratings.
Thermal Resistance (Note 1)
Parameter
Symbol
Thermal Resistance (Typ)
Unit
1s
(Note 3)
2s2p
(Note 4)
SOP8
Junction to Ambient
θJA
197.4
109.8
°C/W
Junction to Top Characterization Parameter
(Note 2)
ΨJT
21
19
°C/W
(Note 1) Based on JESD51-2A(Still-Air)
(Note 2) The thermal characterization parameter to report the difference between junction temperature and the temperature at the top center of the outside
surface of the component package.
(Note 3) Using a PCB board based on JESD51-3.
(Note 4) Using a PCB board based on JESD51-7.
Layer Number of
Measurement Board
Material
Board Size
Single
FR-4
114.3mm x 76.2mm x 1.57mmt
Top
Copper Pattern
Thickness
Footprints and Traces
70µm
Layer Number of
Measurement Board
Material
Board Size
4 Layers
FR-4
114.3mm x 76.2mm x 1.6mmt
Top
2 Internal Layers
Bottom
Copper Pattern
Thickness
Copper Pattern
Thickness
Copper Pattern
Thickness
Footprints and Traces
70µm
74.2mm x 74.2mm
35µm
74.2mm x 74.2mm
70µm
Recommended Operating Conditions (Ta = 25°C)
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
2.7
20
32
V
MAX_TON Resistor Range
RMAX_TON
56
-
300
MAX_TON R1
R1
0.5
1
2
MAX_TON C1
C1
680
1000
2200
pF


Similar Part No. - BM1R00149F

ManufacturerPart #DatasheetDescription
logo
Rohm
BM1R00149-E2 ROHM-BM1R00149-E2 Datasheet
2Mb / 26P
   High Efficiency and Low Standby Power CCM corresponding
More results

Similar Description - BM1R00149F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
   Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR346 DIODES-APR346 Datasheet
380Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR347 DIODES-APR347 Datasheet
439Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
APR345 DIODES-APR345 Datasheet
429Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
International Rectifier
IR1161LPBF IRF-IR1161LPBF_15 Datasheet
991Kb / 25P
   Secondary side synchronous rectification controller
logo
Diodes Incorporated
APR340 DIODES-APR340 Datasheet
578Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 3 - 2 May 2021
APR349 DIODES-APR349 Datasheet
531Kb / 10P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 2 - 2 July 2021
APR348 DIODES-APR348 Datasheet
377Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
March 2021
logo
SHENZHEN FUMAN ELECTRON...
TC9700 FUMAN-TC9700 Datasheet
262Kb / 8P
   Secondary synchronous rectification IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com