Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5113-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5113-Q1
Description  100-V, 1.2-A, 5-A, Half-Bridge Gate Driver for Enhancement Mode GaN FETs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5113-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  LM5113-Q1 Datasheet HTML 1Page - Texas Instruments LM5113-Q1 Datasheet HTML 2Page - Texas Instruments LM5113-Q1 Datasheet HTML 3Page - Texas Instruments LM5113-Q1 Datasheet HTML 4Page - Texas Instruments LM5113-Q1 Datasheet HTML 5Page - Texas Instruments LM5113-Q1 Datasheet HTML 6Page - Texas Instruments LM5113-Q1 Datasheet HTML 7Page - Texas Instruments LM5113-Q1 Datasheet HTML 8Page - Texas Instruments LM5113-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
LM5113-Q1
SNVSAR1 – MARCH 2017
www.ti.com
Product Folder Links: LM5113-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings ............................................................ 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information ................................................. 4
6.5
Electrical Characteristics .......................................... 5
6.6
Switching Characteristics .......................................... 6
6.7
Typical Characteristics .............................................. 8
7
Detailed Description ............................................ 11
7.1
Overview ................................................................. 11
7.2
Functional Block Diagram ....................................... 11
7.3
Feature Description................................................. 11
7.4
Device Functional Modes........................................ 12
8
Application and Implementation ........................ 13
8.1
Application Information............................................ 13
8.2
Typical Application ................................................. 14
9
Power Supply Recommendations ...................... 18
10
Layout................................................................... 19
10.1
Layout Guidelines ................................................. 19
10.2
Layout Example .................................................... 19
11
Device and Documentation Support ................. 20
11.1
Documentation Support ........................................ 20
11.2
Receiving Notification of Documentation Updates 20
11.3
Community Resources.......................................... 20
11.4
Trademarks ........................................................... 20
11.5
Electrostatic Discharge Caution ............................ 20
11.6
Glossary ................................................................ 20
12
Mechanical, Packaging, and Orderable
Information ........................................................... 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
March 2017
*
Initial release


Similar Part No. - LM5113-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5113 TI1-LM5113 Datasheet
1Mb / 15P
[Old version datasheet]   5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI1-LM5113 Datasheet
2Mb / 24P
[Old version datasheet]   LM5113 5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI1-LM5113 Datasheet
2Mb / 24P
[Old version datasheet]   5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113SD TI1-LM5113SD Datasheet
1Mb / 15P
[Old version datasheet]   5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113SD TI1-LM5113SD Datasheet
2Mb / 24P
[Old version datasheet]   LM5113 5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
More results

Similar Description - LM5113-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMG1205 TI1-LMG1205 Datasheet
1Mb / 24P
[Old version datasheet]   100-V, 1.2-A, 5-A, Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI1-LM5113 Datasheet
1Mb / 15P
[Old version datasheet]   5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI1-LM5113_14 Datasheet
2Mb / 24P
[Old version datasheet]   5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113 TI-LM5113_15 Datasheet
2Mb / 21P
[Old version datasheet]   LM5113 5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
LM5113_1211 TI1-LM5113_1211 Datasheet
2Mb / 24P
[Old version datasheet]   LM5113 5A, 100V Half-Bridge Gate Driver for Enhancement Mode GaN FETs
logo
STMicroelectronics
STGAP2GSN STMICROELECTRONICS-STGAP2GSN Datasheet
556Kb / 20P
   Isolated 3 A single gate driver for Enhancement mode GaN FETs
Rev 1 - December 2022
STGAP2GS STMICROELECTRONICS-STGAP2GS Datasheet
551Kb / 20P
   Galvanically isolated 3 A single gate driver for Enhancement mode GaN FETs
Rev 1 - December 2022
logo
ON Semiconductor
FAD6263 ONSEMI-FAD6263 Datasheet
275Kb / 16P
   Half-Bridge Gate Driver, 600 V, 3 A
July, 2019 ??Rev. P0
logo
Texas Instruments
LMG2100R044 TI1-LMG2100R044 Datasheet
916Kb / 26P
[Old version datasheet]   LMG2100R044 100-V, 35-A GaN Half-Bridge Power Stage
JULY 2023
TPS7H6003-SP TI1-TPS7H6003-SP Datasheet
1Mb / 37P
[Old version datasheet]   TPS7H6003-SP Radiation-Hardness-Assured 200-V, 1.3-A, 2.5-A, Half Bridge GaN FET Gate Driver
JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com