Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC5682ZIRGCT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682ZIRGCT
Description  16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5682ZIRGCT Datasheet(HTML) 5 Page - Texas Instruments

  DAC5682ZIRGCT Datasheet HTML 1Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 2Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 3Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 4Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 5Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 6Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 7Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 8Page - Texas Instruments DAC5682ZIRGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
45
42
DAC5682Z
GND
CLKINC
D4P
D4N
D3P
D3N
D2P
D2N
DVDD
D1P
D1N
D0P
D0N
VFUSE
SDO
SDIO
SCLK
SDENB
D12N
D12P
D13N
D13P
D14N
D14P
DVDD
D15N
D15P
IOVDD
SYNCN
SYNCP
CLKIN
CLKVDD
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
47
46
44
43
41
40
39
38
37
36
35
34
33
48
1
DAC5682Z
www.ti.com
SLLS853F – AUGUST 2007 – REVISED JANUARY 2015
6 Pin Configuration and Functions
RGC Package
64 Pins
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
51, 54, 55,
Analog supply voltage. (3.3 V)
AVDD
I
59, 62
BIASJ
57
O
Full-scale output current bias. For 20-mA full-scale output current, connect a 960-
Ω resistor to GND.
Positive external clock input with a self-bias of approximately CLKVDD/2. With the clock multiplier PLL
CLKIN
2
I
enabled, CLKIN provides lower frequency reference clock. If the PLL is disabled, CLKIN directly provides
clock for DAC up to 1 GHz.
CLKINC
3
I
Complementary external clock input. (See the CLKIN description)
CLKVDD
1
I
Internal clock buffer supply voltage. (1.8 V)
LVDS positive input data bits 0 through 15. Each positive/negative LVDS pair has an internal 100
7, 11, 13,
termination resistor. Order of bus can be reversed via rev_bus bit in CONFIG5 register. Data format relative
15, 17, 19,
to DCLKP/N clock is Double Data Rate (DDR) with two data samples input per DCLKP/N clock. In dual-
21, 23, 27,
D[15..0]P
I
channel mode, data for the A-channel is input while DCLKP is high.
29, 31, 33,
35, 37, 40,
D15P is most significant data bit (MSB) – pin 7
42
D0P is least significant data bit (LSB) – pin 42
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DAC5682Z


Similar Part No. - DAC5682ZIRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5682ZIRGCT TI-DAC5682ZIRGCT Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682ZIRGCT TI-DAC5682ZIRGCT Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682ZIRGCTG4 TI-DAC5682ZIRGCTG4 Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

Similar Description - DAC5682ZIRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5682Z TI-DAC5682Z_09 Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z_15 Datasheet
3Mb / 66P
[Old version datasheet]   DAC5682Z 16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com