Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC5682ZIRGCR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682ZIRGCR
Description  16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5682ZIRGCR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC5682ZIRGCR Datasheet HTML 4Page - Texas Instruments DAC5682ZIRGCR Datasheet HTML 5Page - Texas Instruments DAC5682ZIRGCR Datasheet HTML 6Page - Texas Instruments DAC5682ZIRGCR Datasheet HTML 7Page - Texas Instruments DAC5682ZIRGCR Datasheet HTML 8Page - Texas Instruments DAC5682ZIRGCR Datasheet HTML 9Page - Texas Instruments DAC5682ZIRGCR Datasheet HTML 10Page - Texas Instruments DAC5682ZIRGCR Datasheet HTML 11Page - Texas Instruments DAC5682ZIRGCR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
DAC5682Z
SLLS853F – AUGUST 2007 – REVISED JANUARY 2015
www.ti.com
Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
CLOCK INPUT
CLKIN ECL/PECL Frequency
1000
MHz
CLKIN Amplitude Differential
0.4
1
CLKVDD
V
CLKIN Duty Cycle
50%
CLKIN common mode voltage
CLKDVDD
V
/2
DCLK LVDS Frequency
500
MHz
DIGITAL INPUTS
SYNC LVDS
1
1.2
1.4
V
D15..D0 LVDS
1
1.2
1.4
V
LVDS Common mode
1.2
V
LVDS Differential Swing
0.4
V
SCLK, SDIO, SDENB, SDO CMOS SPI
GND
IOVDD
V
7.4 Thermal Information
DAC5682Z
THERMAL METRIC(1)
QFN
UNIT
64 PINS
TJ
Maximum junction temperature (2)
125
°C
Theta junction-to-ambient (still air)
22
RθJA
°C/W
Theta junction-to-ambient (150 lfm)
16
RθJC
Theta junction-to-case
0.2
°C/W
RθJP
Theta junction-to-pad
3.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Air flow or heat sinking reduces
θJA and may be required for sustained operation at 85° under maximum operating conditions.
7.5
Electrical Characteristics — DC Specification
over operating free-air temperature range , AVDD = 3.3 V, CLKVDD = 1.8 V, IOVDD = 3.3 V, DVDD = 1.8 V, IoutFS = 20 mA
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
16
Bits
DC ACCURACY(1)
INL
Integral nonlinearity
1 LSB = IOUTFS/216
±4
LSB
DNL
Differential nonlinearity
±2
ANALOG OUTPUT
Course gain linearity
±0.04
LSB
Offset error
Mid code offset
0.01
%FSR
Gain error
With external reference
1
%FSR
Gain error
With internal reference
0.7
%FSR
Gain mismatch
With internal reference, dual DAC
–2
2
%FSR
Minimum full scale output current(2)
2
mA
Maximum full scale output current(2)
20
(1)
Measured differential across IOUTA1 and IOUTA2 or IOUTB1 and IOUTB2 with 25
Ω each to AVDD.
(2)
Nominal full-scale current, IoutFS, equals 16 × IBIAS current.
8
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: DAC5682Z


Similar Part No. - DAC5682ZIRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5682ZIRGCR TI-DAC5682ZIRGCR Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682ZIRGCR TI-DAC5682ZIRGCR Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682ZIRGCRG4 TI-DAC5682ZIRGCRG4 Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

Similar Description - DAC5682ZIRGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5682Z TI-DAC5682Z_09 Datasheet
2Mb / 59P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z Datasheet
2Mb / 56P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5682Z TI-DAC5682Z_15 Datasheet
3Mb / 66P
[Old version datasheet]   DAC5682Z 16-Bit, 1.0 GSPS 2x-4x Interpolating Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com