Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP315N10F7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP315N10F7
Description  High avalanche ruggedness
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP315N10F7 Datasheet(HTML) 4 Page - STMicroelectronics

  STP315N10F7 Datasheet HTML 1Page - STMicroelectronics STP315N10F7 Datasheet HTML 2Page - STMicroelectronics STP315N10F7 Datasheet HTML 3Page - STMicroelectronics STP315N10F7 Datasheet HTML 4Page - STMicroelectronics STP315N10F7 Datasheet HTML 5Page - STMicroelectronics STP315N10F7 Datasheet HTML 6Page - STMicroelectronics STP315N10F7 Datasheet HTML 7Page - STMicroelectronics STP315N10F7 Datasheet HTML 8Page - STMicroelectronics STP315N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STP315N10F7
4/13
DocID025348 Rev 4
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4: On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID
= 250 μA
100
V
IDSS
Zero gate voltage drain current
VGS= 0 V, VDS= 100 V
1
µA
VGS= 0 V, VDS= 100 V,
TC= 125 °C (1)
100
µA
IGSS
Gate-body leakage current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID
= 250 μA
2.5
3.5
4.5
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 60 A
2.3
2.7
Notes:
(1)Defined by design, not subject to production test.
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VGS = 0 V, VDS= 25 V, f = 1 MHz
-
12800
-
pF
Coss
Output capacitance
-
3500
-
pF
Crss
Reverse transfer
capacitance
-
170
-
pF
Qg
Total gate charge
VDD = 50 V, ID = 180 A,
VGS = 10 V
(see Figure 14: "Test circuit for
gate charge behavior")
-
180
-
nC
Qgs
Gate-source charge
-
78
-
nC
Qgd
Gate-drain charge
-
34
-
nC
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on
delay time
VDD = 50V, ID = 90 A,
RG
= 4.7 Ω, VGS = 10 V
(see Figure 13: "Test circuit for resistive
load switching times" and Figure 18:
"Switching time waveform")
-
62
-
ns
tr
Rise time
-
108
-
ns
td(off)
Turn-off
delay time
-
148
-
ns
tf
Fall time
-
40
-
ns


Similar Part No. - STP315N10F7

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP315N10F7 ISC-STP315N10F7 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STP315N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
   High avalanche ruggedness
February 2015 Rev 3
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
   High avalanche ruggedness
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
   High avalanche ruggedness
August 2015 Rev 1
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
   High avalanche ruggedness
July 2009 Rev 2
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
   High avalanche ruggedness
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
   High avalanche ruggedness
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
   High avalanche ruggedness
December 2014 Rev 2
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
   High avalanche ruggedness
January 2014 Rev 3
STL110NS3LLH7 STMICROELECTRONICS-STL110NS3LLH7 Datasheet
701Kb / 14P
   High avalanche ruggedness
April 2015 Rev 4
STL140N4F7AG STMICROELECTRONICS-STL140N4F7AG Datasheet
927Kb / 14P
   High avalanche ruggedness
February 2017 Rev 2
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
   High avalanche ruggedness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com