Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPA01186RGER Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # HPA01186RGER
Description  I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA01186RGER Datasheet(HTML) 9 Page - Texas Instruments

Back Button HPA01186RGER Datasheet HTML 5Page - Texas Instruments HPA01186RGER Datasheet HTML 6Page - Texas Instruments HPA01186RGER Datasheet HTML 7Page - Texas Instruments HPA01186RGER Datasheet HTML 8Page - Texas Instruments HPA01186RGER Datasheet HTML 9Page - Texas Instruments HPA01186RGER Datasheet HTML 10Page - Texas Instruments HPA01186RGER Datasheet HTML 11Page - Texas Instruments HPA01186RGER Datasheet HTML 12Page - Texas Instruments HPA01186RGER Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
bq24190, bq24192, bq24192I
www.ti.com
SLUSAW5B – JANUARY 2012 – REVISED DECEMBER 2014
Electrical Characteristics (continued)
VVBUS_UVLOZ < VVBUS < VACOV and VVBUS > VBAT + VSLEEP, TJ = –40°C to 125°C and TJ = 25°C for typical values unless other
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBTST-VSW when LSFET refresh pulse is
3.6
requested, VBUS = 5 V
VBTST_REFRESH
Bootstrap refresh comparator threshold
V
VBTST-VSW when LSFET refresh pulse is
4.5
requested, VBUS > 6 V
BOOST MODE OPERATION
VOTG_REG
OTG output voltage
I(VBUS) = 0
5.00
V
VOTG_REG_ACC
OTG output voltage accuracy
I(VBUS) = 0
–2%
2%
REG01[0] = 0
0.5
A
IOTG
OTG mode output current
REG01[0] = 1
1.3
A
VOTG_OVP
OTG over-voltage threshold
5.3
5.5
V
IOTG_ILIM
LSFET cycle-by-cycle current limit
3.2
4.6
A
IOTG_HSZCP
HSFET under current falling threshold
100
mA
REG01[0] = 1
1.4
1.8
2.7
IRBFET_OCP
RBFET over-current threshold
A
REG01[0] = 0
0.6
1.1
1.8
REGN LDO
VVBUS = 10 V, IREGN = 40 mA
5.6
6
6.4
V
VREGN
REGN LDO output voltage
VVBUS = 5 V, IREGN = 20 mA
4.75
4.8
V
IREGN
REGN LDO current limit
VVBUS = 10 V, VREGN = 3.8 V
50
mA
LOGIC I/O PIN CHARACTERISTICS (OTG, CE, PSEL, STAT, PG)
VILO
Input low threshold
0.4
V
VIH
Input high threshold
1.3
V
VOUT_LO
Output low saturation voltage
Sink current = 5 mA
0.4
V
IBIAS
High level leakage current
Pull up rail 1.8 V
1
µA
I2C INTERFACE (SDA, SCL, INT)
VIH
Input high threshold level
VPULL-UP = 1.8 V, SDA and SCL
1.3
V
VIL
Input low threshold level
VPULL-UP = 1.8 V, SDA and SCL
0.4
V
VOL
Output low threshold level
Sink current = 5 mA
0.4
V
IBIAS
High-level leakage current
VPULL-UP = 1.8 V, SDA and SCL
1
µA
fSCL
SCL clock frequency
400
kHz
DIGITAL CLOCK AND WATCHDOG TIMER
fHIZ
Digital crude clock
REGN LDO disabled
15
35
50
kHz
fDIG
Digital clock
REGN LDO enabled
1300
1500
1700
kHz
tWDT
REG05[5:4] = 11
REGN LDO enabled
136
160
sec
8.6 Typical Characteristics
Table 1. Table of Figures
FIGURE NO.
System Light Load Efficiency vs System Load Current
Figure 1
SYS Voltage Regulation vs System Load
Figure 2
Charging Efficiency vs Charging Current
Figure 3
Boost Mode Efficiency vs VBUS Load Current
Figure 4
Boost Mode VBUS Voltage Regulation vs VBUS Load Current
Figure 5
SYS Voltage vs Temperature
Figure 6
BAT Voltage vs Temperature
Figure 7
Input Current Limit vs Temperature
Figure 8
Charge Current vs Temperature
Figure 9
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: bq24190 bq24192 bq24192I


Similar Part No. - HPA01186RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA01188RGBR TI1-HPA01188RGBR Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
More results

Similar Description - HPA01186RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24190 TI-BQ24190_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192 TI-BQ24192_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI-BQ24193_15 Datasheet
2Mb / 49P
[Old version datasheet]   bq24193 I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192I TI-BQ24192I_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI-BQ24196_15 Datasheet
2Mb / 50P
[Old version datasheet]   bq24196 I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com