Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP265N6F6AG Datasheet(PDF) 8 Page - STMicroelectronics

Part # STP265N6F6AG
Description  High avalanche ruggedness
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP265N6F6AG Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STP265N6F6AG Datasheet HTML 4Page - STMicroelectronics STP265N6F6AG Datasheet HTML 5Page - STMicroelectronics STP265N6F6AG Datasheet HTML 6Page - STMicroelectronics STP265N6F6AG Datasheet HTML 7Page - STMicroelectronics STP265N6F6AG Datasheet HTML 8Page - STMicroelectronics STP265N6F6AG Datasheet HTML 9Page - STMicroelectronics STP265N6F6AG Datasheet HTML 10Page - STMicroelectronics STP265N6F6AG Datasheet HTML 11Page - STMicroelectronics STP265N6F6AG Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Test circuits
STP265N6F6AG
8/13
DocID027281 Rev 3
3
Test circuits
Figure 13: Test circuit for resistive load
switching times
Figure 14: Test circuit for gate charge
behavior
Figure 15: Test circuit for inductive load
switching and diode recovery times
Figure 16: Unclamped inductive load test
circuit
Figure 17: Unclamped inductive waveform
Figure 18: Switching time waveform


Similar Part No. - STP265N6F6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP260N4F7 STMICROELECTRONICS-STP260N4F7 Datasheet
683Kb / 13P
   N-channel 40 V, 1.8 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a TO-220 package
June 2016
STP260N6F6 STMICROELECTRONICS-STP260N6F6 Datasheet
756Kb / 14P
   N-channel 60 V, 0.0024 廓, 120 A STripFET??VI DeepGATE??Power MOSFET in TO-220 and I짼PAK packages
STP26N60DM6 STMICROELECTRONICS-STP26N60DM6 Datasheet
278Kb / 12P
   N-channel 600 V, 165 mΩ typ., 18 A, MDmesh DM6 Power MOSFET in a TO‑220 package
September 2020
STP26N60M2 STMICROELECTRONICS-STP26N60M2 Datasheet
804Kb / 16P
   N-channel 600 V, 0.14 Ω typ., 20 A MDmeshTM M2 Power MOSFETs in TO-220 and TO-247 packages
March 2017 Rev 2
STP26N65DM2 STMICROELECTRONICS-STP26N65DM2 Datasheet
269Kb / 13P
   N-channel 650 V, 0.156 Ω typ., 20 A, MDmeshTM DM2 Power MOSFET in a TO-220 package
July 2018 Rev 1
More results

Similar Description - STP265N6F6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
   High avalanche ruggedness
February 2015 Rev 3
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
   High avalanche ruggedness
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
   High avalanche ruggedness
August 2015 Rev 1
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
   High avalanche ruggedness
July 2009 Rev 2
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
   High avalanche ruggedness
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
   High avalanche ruggedness
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
   High avalanche ruggedness
December 2014 Rev 2
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
   High avalanche ruggedness
January 2014 Rev 3
STL110NS3LLH7 STMICROELECTRONICS-STL110NS3LLH7 Datasheet
701Kb / 14P
   High avalanche ruggedness
April 2015 Rev 4
STL140N4F7AG STMICROELECTRONICS-STL140N4F7AG Datasheet
927Kb / 14P
   High avalanche ruggedness
February 2017 Rev 2
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
   High avalanche ruggedness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com