Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24158YFFR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24158YFFR
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24158YFFR Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24158YFFR Datasheet HTML 4Page - Texas Instruments BQ24158YFFR Datasheet HTML 5Page - Texas Instruments BQ24158YFFR Datasheet HTML 6Page - Texas Instruments BQ24158YFFR Datasheet HTML 7Page - Texas Instruments BQ24158YFFR Datasheet HTML 8Page - Texas Instruments BQ24158YFFR Datasheet HTML 9Page - Texas Instruments BQ24158YFFR Datasheet HTML 10Page - Texas Instruments BQ24158YFFR Datasheet HTML 11Page - Texas Instruments BQ24158YFFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
Not Recommended for New Designs bq24153A, bq24156A, bq24159
8
bq24153A, bq24156A
bq24158, bq24159
SLUSAB0D – OCTOBER 2010 – REVISED APRIL 2016
www.ti.com
Product Folder Links: bq24153A bq24156A bq24158 bq24159
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Circuit of Figure 25, VBUS = 5 V, HZ_MODE = 0, OPA_MODE = 0 (CD = 0), TJ = –40°C to 125°C, TJ = 25°C for typical
values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT BASED DYNAMIC POWER MANAGEMENT
VIN_DPM
Input Voltage DPM threshold programmable
range
4.2
4.76
V
VIN DPM threshold accuracy
–3%
1%


Similar Part No. - BQ24158YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24158YFFR TI-bq24158YFFR Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24158YFFR TI-BQ24158YFFR Datasheet
2Mb / 45P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
More results

Similar Description - BQ24158YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24152 TI-BQ24152 Datasheet
2Mb / 38P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150A TI-BQ24150A Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI-BQ24140_15 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com