Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24192RGER Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24192RGER
Description  I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24192RGER Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24192RGER Datasheet HTML 6Page - Texas Instruments BQ24192RGER Datasheet HTML 7Page - Texas Instruments BQ24192RGER Datasheet HTML 8Page - Texas Instruments BQ24192RGER Datasheet HTML 9Page - Texas Instruments BQ24192RGER Datasheet HTML 10Page - Texas Instruments BQ24192RGER Datasheet HTML 11Page - Texas Instruments BQ24192RGER Datasheet HTML 12Page - Texas Instruments BQ24192RGER Datasheet HTML 13Page - Texas Instruments BQ24192RGER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
0
200
400
600
800
1000
1200
1400
VBUS Load Current (A)
VBAT = 3.2 V
VBAT = 3.8 V
VBAT = 4.2 V
C005
3.50
3.55
3.60
3.65
3.70
3.75
3.80
±50
0
50
100
150
Temperature (
ƒC)
SYSMIN 3.5 V
C001
85
87
89
91
93
95
0
1
2
3
4
5
Load Current (A)
VBUS = 5 V
VBUS = 7 V
VBUS = 9 V
VBUS = 12 V
C011
80
85
90
95
100
0
500
1000
1500
VBUS Load Current (A)
VBAT = 3.2 V
VBAT = 3.8 V
C013
70
75
80
85
90
95
0
100
200
300
400
500
600
Load Current (mA)
VBUS = 5 V
VBUS = 9 V
C012
3.60
3.62
3.64
3.66
3.68
3.70
0
1
2
3
4
5
System Load Current (A)
VBUS = 5 V
VBUS = 17 V
C014
bq24190, bq24192, bq24192I
SLUSAW5B – JANUARY 2012 – REVISED DECEMBER 2014
www.ti.com
Figure 1. System Light Load Efficiency vs System Load
Figure 2. SYS Voltage Regulation vs System Load
Current
Figure 3. Charging Efficiency vs Charging Current
Figure 4. Boost Mode Efficiency vs VBUS Load Current
Figure 5. Boost Mode VBUS Voltage Regulation vs VBUS
Figure 6. SYS Voltage vs Temperature
Load Current
10
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: bq24190 bq24192 bq24192I


Similar Part No. - BQ24192RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24192RGER TI1-BQ24192RGER Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24192RGER TI-BQ24192RGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
More results

Similar Description - BQ24192RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24190 TI-BQ24190_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192 TI-BQ24192_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI-BQ24193_15 Datasheet
2Mb / 49P
[Old version datasheet]   bq24193 I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192I TI-BQ24192I_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI-BQ24196_15 Datasheet
2Mb / 50P
[Old version datasheet]   bq24196 I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com