Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24735RGRT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24735RGRT
Description  1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24735RGRT Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24735RGRT Datasheet HTML 7Page - Texas Instruments BQ24735RGRT Datasheet HTML 8Page - Texas Instruments BQ24735RGRT Datasheet HTML 9Page - Texas Instruments BQ24735RGRT Datasheet HTML 10Page - Texas Instruments BQ24735RGRT Datasheet HTML 11Page - Texas Instruments BQ24735RGRT Datasheet HTML 12Page - Texas Instruments BQ24735RGRT Datasheet HTML 13Page - Texas Instruments BQ24735RGRT Datasheet HTML 14Page - Texas Instruments BQ24735RGRT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
bq24735
www.ti.com
SLUSAK9B – SEPTEMBER 2011 – REVISED APRIL 2015
Typical Characteristics (continued)
CH1: PHASE, 10 V/div,
CH2: LODRV, 5 V/div,
CH1: PHASE, 10 V/div,
CH2: LODRV, 5 V/div,
CH3: HIDRV, 10 V/div
CH3: HIDRV, 10 V/div,
CH4: inductor current, 2 A/div, 400 ns/div
CH4: inductor current, 1 A/div, 400 ns/div
Figure 5. Continuous Conduction Mode Switching
Figure 6. Cycle-by-Cycle Synchronous to Nonsynchronous
Waveforms
CH2: battery current, 2 A/div,
CH3: adapter current, 2 A/div,
CH1: PHASE, 10 V/div,
CH2: LODRV, 5 V/div,
CH4: system load current, 2 A/div, 100 µs/div
CH4: inductor current, 2 A/div, 4 µs/div
Figure 8. System Load Transient (Input DPM)
Figure 7. 100% Duty and Refresh Pulse
CH3: adapter current, 2 A/div,
CH3: adapter current, 2 A/div,
CH4: battery current, 2 A/div, 10 ms/div
CH4: battery current, 2 A/div, 10 ms/div
Figure 9. Buck-to-Boost Mode
Figure 10. Boost-to-Buck Mode
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: bq24735


Similar Part No. - BQ24735RGRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24735RGRT TI1-BQ24735RGRT Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
More results

Similar Description - BQ24735RGRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24725A TI1-BQ24725A_17 Datasheet
1Mb / 47P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A_15 Datasheet
1Mb / 47P
[Old version datasheet]   bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725 TI-BQ24725 Datasheet
1Mb / 39P
[Old version datasheet]   2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24800 TI1-BQ24800 Datasheet
857Kb / 11P
[Old version datasheet]   BQ24800 SMBus 1- to 4-Cell Buck Battery Charge Controller With Peak Power, Hybrid Power Boost and Battery Only Boost Modes
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
[Old version datasheet]   1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
[Old version datasheet]   bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com