Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24192IRGER Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24192IRGER
Description  I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24192IRGER Datasheet(HTML) 1 Page - Texas Instruments

  BQ24192IRGER Datasheet HTML 1Page - Texas Instruments BQ24192IRGER Datasheet HTML 2Page - Texas Instruments BQ24192IRGER Datasheet HTML 3Page - Texas Instruments BQ24192IRGER Datasheet HTML 4Page - Texas Instruments BQ24192IRGER Datasheet HTML 5Page - Texas Instruments BQ24192IRGER Datasheet HTML 6Page - Texas Instruments BQ24192IRGER Datasheet HTML 7Page - Texas Instruments BQ24192IRGER Datasheet HTML 8Page - Texas Instruments BQ24192IRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
VBUS
PMID
D+
D–
STAT
SDA
SCL
INT
OTG
CE
SW
BTST
REGN
PGND
SYS
BAT
ILIM
TS1
TS2
VREF
SYS: 3.5V-4.35V
REGN
SYS
bq24190
Power Pad
1 F
6.8 F
47nF
4.7 F
1 H
10kW
10 F
353W
(1.5A max)
10kW
10kW
5.52kW
31.23kW
10kW
(103-AT)
5V USB SDP/DCP
2.2kW
10 F
10 F
10 F
10 F
USB
Host
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq24190, bq24192, bq24192I
SLUSAW5B – JANUARY 2012 – REVISED DECEMBER 2014
bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger
with Narrow VDC Power Path Management and USB OTG
1
1 Features
High Efficiency 4.5-A Switch Mode Charger
Integrated Current Sensing
92% Charge Efficiency at 2 A, 90% at 4 A
Bootstrap Diode
Accelerate Charge Time by Battery Path
Internal Loop Compensation
Impedance Compensation
Safety
Compatible with MaxLife Technology for Faster
Battery Temperature Sensing and Charging
Charging When Used in Conjunction With
Safety Timer
bq27531
Thermal Regulation and Thermal Shutdown
Highest Battery Discharge Efficiency with 12-m
Ω
Input System Over-Voltage Protection
Battery Discharge MOSFET up to 9-A Discharge
MOSFET Over-Current Protection
Current
Charge Status Outputs for LED or Host Processor
Single Input USB-compliant/Adapter Charger
Low Battery Leakage Current and Support
USB Host or Charging Port D+/D- Detection
Shipping Mode
Compatible to USB Battery Charger Spec 1.2
4.00 mm x 4.00 mm VQFN-24 Package
Input Voltage and Current Limit Supports
USB2.0 and USB3.0
2 Applications
Input Current Limit: 100 mA, 150 mA, 500 mA,
Tablet PC and Smart Phone
900 mA, 1.2 A, 1.5 A, 2 A and 3 A
Portable Audio Speaker
3.9-V to 17-V Input Operating Voltage Range
Portable Media Players
Support All Kinds of Adapter with Input Voltage
Internet Devices
DPM Regulation
USB OTG 5 V at 1.3-A Synchronous Boost
3 Description
Converter Operation
The bq24190, bq24192, and bq24192I are highly-
93% 5-V Boost Efficiency at 1 A
integrated switch-mode battery charge management
Narrow VDC (NVDC) Power Path Management
and system power path management devices for
single cell Li-Ion and Li-polymer battery in a wide
Instant-on Works with No Battery or Deeply
range of tablet and other portable devices.
Discharged Battery
Ideal Diode Operation in Battery Supplement
Device Information(1)
Mode
PART NUMBER
PACKAGE
BODY SIZE (NOM)
1.5-MHz Switching Frequency for Low Profile
bq24190
Inductor
bq24192
VQFN (24)
4.00 mm x 4.00 mm
Autonomous Battery Charging with or without
bq24192I
Host Management
(1) For all available packages, see the orderable addendum at
Battery Charge Enable
the end of the datasheet.
Battery Charge Preconditioning
Charge Termination and Recharge
High Accuracy (0°C to 125°C)
±0.5% Charge Voltage Regulation
±7% Charge Current Regulation
±7.5% Input Current Regulation
±2% Output Regulation in Boost Mode
High Integration
Power Path Management
Synchronous Switching MOSFETs
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ24192IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
More results

Similar Description - BQ24192IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24190 TI-BQ24190_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192 TI-BQ24192_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI-BQ24193_15 Datasheet
2Mb / 49P
[Old version datasheet]   bq24193 I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192I TI-BQ24192I_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI-BQ24196_15 Datasheet
2Mb / 50P
[Old version datasheet]   bq24196 I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com