Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24192IRGER Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24192IRGER
Description  I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24192IRGER Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24192IRGER Datasheet HTML 3Page - Texas Instruments BQ24192IRGER Datasheet HTML 4Page - Texas Instruments BQ24192IRGER Datasheet HTML 5Page - Texas Instruments BQ24192IRGER Datasheet HTML 6Page - Texas Instruments BQ24192IRGER Datasheet HTML 7Page - Texas Instruments BQ24192IRGER Datasheet HTML 8Page - Texas Instruments BQ24192IRGER Datasheet HTML 9Page - Texas Instruments BQ24192IRGER Datasheet HTML 10Page - Texas Instruments BQ24192IRGER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
bq24190, bq24192, bq24192I
www.ti.com
SLUSAW5B – JANUARY 2012 – REVISED DECEMBER 2014
Electrical Characteristics (continued)
VVBUS_UVLOZ < VVBUS < VACOV and VVBUS > VBAT + VSLEEP, TJ = –40°C to 125°C and TJ = 25°C for typical values unless other
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBUS/BAT POWER UP
VVBUS_OP
VBUS operating range
3.9
17
V
VVBUS_UVLOZ
VVBUS rising
3.6
V
VBUS for active I2C, no battery
VSLEEP
Sleep mode falling threshold
VVBUS falling, VVBUS-VBAT
35
80
120
mV
VSLEEPZ
Sleep mode rising threshold
VVBUS rising, VVBUS-VBAT
170
250
350
mV
VACOV
VBUS over-voltage rising threshold
VVBUS rising
17.4
18
V
VACOV_HYST
VBUS over-voltage falling hysteresis
VVBUS falling
700
mV
VBAT_UVLOZ
VBAT rising
2.3
V
Battery for active I2C, no VBUS
VBAT_DPL
Battery depletion threshold
VBAT falling
2.4
2.6
V
VBAT_DPL_HY
Battery depletion rising hysteresis
VBAT rising
170
260
mV
VVBUSMIN
Bad adapter detection threshold
VVBUS falling
3.8
V
IBADSRC
Bad adapter detection current source
30
mA
tBADSRC
Bad source detection duration
30
ms
POWER PATH MANAGEMENT
Isys = 0 A, Q4 off, VBAT up to 4.2 V,
VSYS_RANGE
Typical system regulation voltage
3.5
4.35
V
REG01[3:1] = 101, VSYSMIN = 3.5 V
VSYS_MIN
System voltage output
REG01[3:1] = 101, VSYSMIN = 3.5 V
3.55
3.65
V
Internal top reverse blocking MOSFET on-
RON(RBFET)
Measured between VBUS and PMID
23
38
m
Ω
resistance
TJ = –40°C to 85°C
27
35
Internal top switching MOSFET on-resistance
RON(HSFET)
m
Ω
between PMID and SW
TJ = -40°C to 125°C
27
45
TJ = –40°C to 85°C
32
45
Internal bottom switching MOSFET on-resistance
RON(LSFET)
m
Ω
between SW and PGND
TJ = -40°C to 125°C
32
48
VFWD
BATFET forward voltage in supplement mode
BAT discharge current 10 mA
30
mV
VSYS_BAT
SYS/BAT Comparator
VSYS falling
90
mV
VBATGD
Battery good comparator rising threshold
VBAT rising
3.55
V
VBATGD_HYST
Battery good comparator falling threshold
VBAT falling
100
mV
BATTERY CHARGER
VBAT_REG_ACC
Charge voltage regulation accuracy
VBAT = 4.112 V and 4.208 V
–0.5%
0.5%
VBAT = 3.8 V, ICHG = 1792 mA, TJ = 25°C
–4%
4%
IICHG_REG_ACC
Fast charge current regulation accuracy
VBAT = 3.8 V, ICHG = 1792 mA, TJ = –20°C to
–7%
7%
125°C
ICHG_20pct
Charge current with 20% option on
VBAT = 3.1 V, ICHG = 104 mA, REG02 = 03
75
100
150
mA
VBATLOWV
Battery LOWV falling threshold
Fast charge to precharge, REG04[1] = 1
2.6
2.8
2.9
V
VBATLOWV_HYST
Battery LOWV rising threshold
Precharge to fast charge, REG04[1] = 1
2.8
3.0
3.1
V
IPRECHG_ACC
Precharge current regulation accuracy
VBAT = 2.6 V, ICHG = 256 mA
–20%
20%
ITERM_ACC
Termination current accuracy
ITERM = 256 mA, ICHG = 960 mA
–20%
20%
VSHORT
Battery Short Voltage
VBAT falling
2.0
V
VSHORT_HYST
Battery Short Voltage hysteresis
VBAT rising
200
mV
ISHORT
Battery short current
VBAT < 2.2V
100
mA
VRECHG
Recharge threshold below VBAT_REG
VBAT falling, REG04[0] = 0
100
mV
tRECHG
Recharge deglitch time
VBAT falling, REG04[0] = 0
20
ms
TJ = 25°C
12
15
RON_BATFET
SYS-BAT MOSFET on-resistance
m
Ω
TJ = –40°C to 125°C
12
20
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq24190 bq24192 bq24192I


Similar Part No. - BQ24192IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
More results

Similar Description - BQ24192IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24190 TI-BQ24190_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192 TI-BQ24192_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI-BQ24193_15 Datasheet
2Mb / 49P
[Old version datasheet]   bq24193 I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192I TI-BQ24192I_15 Datasheet
2Mb / 52P
[Old version datasheet]   bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI-BQ24196_15 Datasheet
2Mb / 50P
[Old version datasheet]   bq24196 I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com