Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24156A Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24156A
Description  Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24156A Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24156A Datasheet HTML 6Page - Texas Instruments BQ24156A Datasheet HTML 7Page - Texas Instruments BQ24156A Datasheet HTML 8Page - Texas Instruments BQ24156A Datasheet HTML 9Page - Texas Instruments BQ24156A Datasheet HTML 10Page - Texas Instruments BQ24156A Datasheet HTML 11Page - Texas Instruments BQ24156A Datasheet HTML 12Page - Texas Instruments BQ24156A Datasheet HTML 13Page - Texas Instruments BQ24156A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Not Recommended for New Designs bq24153A, bq24156A, bq24159
10
bq24153A, bq24156A
bq24158, bq24159
SLUSAB0D – OCTOBER 2010 – REVISED APRIL 2016
www.ti.com
Product Folder Links: bq24153A bq24156A bq24158 bq24159
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Circuit of Figure 25, VBUS = 5 V, HZ_MODE = 0, OPA_MODE = 0 (CD = 0), TJ = –40°C to 125°C, TJ = 25°C for typical
values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CHARGE MODE PROTECTION
VOVP_IN_USB
Input VBUS OVP threshold voltage
(bq24153A/8)
VBUS threshold to turn off converter during charge
6.3
6.5
6.7
V
V(OVP_IN_USB) hysteresis (bq24153A/8)
VBUS falling from above V(OVP_IN_USB)
170
mV
VOVP-IN_DYN
Input VBUS OVP threshold voltage (bq24156A)
Threshold over VBUS to turn off converter during
charge
9.57
9.8
10
V(OVP_IN_DYN) hysteresis (bq24156A/9)
VBUS falling from above V(OVP_IN_DYN)
140
VOVP
Output OVP threshold voltage
V(CSOUT) threshold over V(OREG) to turn off charger
during charge
110
117
121
%V OREG
V(OVP) hysteresis
Lower limit for V(CSOUT) falling from above V(OVP)
11
ILIMIT
Cycle-by-cycle current limit for charge
Charge mode operation
1.8
2.4
3.0
A
VSHORT
Trickle to fast charge threshold
V(CSOUT) rising
2.0
2.1
2.2
V
VSHORT hysteresis
V(CSOUT) falling below VSHORT
100
mV
ISHORT
Trickle charge charging current
V(CSOUT) ≤ VSHORT)
20
30
40
mA
BOOST MODE OPERATION FOR VBUS (OPA_MODE = 1, HZ_MODE = 0, bq24153A/8 only)
VBUS_B
Boost output voltage (to VBUS pin)
2.5V < V(CSOUT) < 4.5 V
5.05
V
Boost output voltage accuracy
Including line and load regulation
–3%
3%
IBO
Maximum output current for boost
VBUS_B = 5.05 V, 2.5 V < V(CSOUT) < 4.5 V
200
mA
IBLIMIT
Cycle by cycle current limit for boost
VBUS_B = 5.05 V, 2.5 V < V(CSOUT) < 4.5 V
1.0
A
VBUSOVP
Overvoltage protection threshold for boost
(VBUS pin)
Threshold over VBUS to turn off converter during
boost
5.8
6.0
6.2
V
VBUSOVP hysteresis
VBUS falling from above VBUSOVP
162
mV
VBATMAX
Maximum battery voltage for boost (CSOUT
pin)
V(CSOUT) rising edge during boost
4.75
4.9
5.05
V
VBATMAX hysteresis
V(CSOUT) falling from above VBATMAX
200
mV
VBATMIN
Minimum battery voltage for boost (CSOUT pin)
During boosting
2.5
V
Before boost starts
2.9
3.05
V
Boost output resistance at high-impedance
mode (From VBUS to PGND)
CD = 1 or HZ_MODE = 1
217
k
PROTECTION
TSHTDWN)
Thermal trip
165
°C
Thermal hysteresis
10
TCF
Thermal regulation threshold
Charge current begins to reduce
120


Similar Part No. - BQ24156A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24156A TI-BQ24156A Datasheet
2Mb / 43P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24156A TI-BQ24156A Datasheet
2Mb / 45P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
BQ24156A TI1-BQ24156A Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156AYFFR TI-BQ24156AYFFR Datasheet
2Mb / 45P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger
More results

Similar Description - BQ24156A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24152 TI-BQ24152 Datasheet
2Mb / 38P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150A TI-BQ24150A Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI-BQ24140_15 Datasheet
1Mb / 39P
[Old version datasheet]   Fully Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24155 TI-BQ24155 Datasheet
1Mb / 30P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com