Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THAT1510 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # THAT1510
Description  Low Noise, High Performance Microphone Preamplifier IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THAT1510 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  THAT1510 Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT1510 Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT1510 Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT1510 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT1510 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT1510 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Applications
Gain Setting
A single external resistor between the RG1 and
RG2 pins is all that is needed to set the gain of the
THAT 1510 / 1512, according to the formulae
for the 1510:
G
k
RG
=+
1
10
W
or
RG
k
G
=
-
10
1
W
for the 1512:
G
k
RG
=+
05
5
.
W
or
RG
k
G
= -
5
05
W
.
For unity gain operation on the 1510, RG1 and
RG2 may be left open. RG should be set to 10k
W in
the 1512. To avoid excess noise and ensure tempera-
ture stability, non-inductive wirewound or metal-film
resistors are recommended for RG.
Total gain accuracy will depend on both the toler-
ance on RG, and on the gain equation accuracy of the
THAT 1510/1512.
Total gain drift will result from
the mismatch between the tempco of RG and the
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478-9200; Fax: +1 508 478-0990; Web: www.thatcorp.com
Page 4
THAT 1510 / 1512 Microphone Preamplifier
Preliminary Information
RG
+In
3
4
Out
6
7
5
-In
2
RG1
1
RG2
8
U1
THAT
1510/1512
-15
+15
-In
+In
R1
1k
R2
1k
C1
470p
C2
470p
C3
47p
Out
C6
100n
C9
100n
V+
V-
Ref
Figure 2. Basic 1510 / 1512 Circuit
RG
+In
3
4
Out
6
7
5
-In
2
RG1
1
RG2
8
U1
THAT 1510/1512
-In
+In
R1
1k
R2
1k
C1
470p
C2
470p
C3
47p
Out
3
2
6
U2
353
C8
100n
R3
510k
-15
+15
C6
100n
C9
100n
V+
V-
Ref
Figure 3. 1510 / 1512 Circuit with Output Offset Correction


Similar Part No. - THAT1510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT1510 ETC2-THAT1510 Datasheet
122Kb / 8P
   Low-Noise, High Performance Audio Preamplifier IC
More results

Similar Description - THAT1510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT1512S08-U ETC2-THAT1512S08-U Datasheet
122Kb / 8P
   Low-Noise, High Performance Audio Preamplifier IC
logo
Analog Devices
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
   LOW NOISE MICROPHONE PREAMPLIFIER
REV. B
logo
rfsolutions.ltd
SP2 RFSOLUTIONS-SP2 Datasheet
706Kb / 2P
   Low noise balanced input microphone preamplifier
logo
STMicroelectronics
AN2240 STMICROELECTRONICS-AN2240 Datasheet
253Kb / 9P
   low noise microphone preamplifier with 2 V bias
logo
Analog Devices
SSM2166 AD-SSM2166_16 Datasheet
437Kb / 13P
   Microphone Preamplifier
logo
List of Unclassifed Man...
QA605 ETC-QA605 Datasheet
58Kb / 2P
   Low Noise Preamplifier
logo
Analog Devices
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
logo
Hitachi Semiconductor
HA12017 HITACHI-HA12017 Datasheet
494Kb / 6P
   LOW NOISE PREAMPLIFIER
logo
Analog Devices
SSM2167 AD-SSM2167 Datasheet
121Kb / 8P
   Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
REV. A
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com