Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFFHV16MT2637 Datasheet(PDF) 4 Page - AVX Corporation

Part # DFFHV16MT2637
Description  Medium Power Film Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DFFHV16MT2637 Datasheet(HTML) 4 Page - AVX Corporation

  DFFHV16MT2637 Datasheet HTML 1Page - AVX Corporation DFFHV16MT2637 Datasheet HTML 2Page - AVX Corporation DFFHV16MT2637 Datasheet HTML 3Page - AVX Corporation DFFHV16MT2637 Datasheet HTML 4Page - AVX Corporation DFFHV16MT2637 Datasheet HTML 5Page - AVX Corporation DFFHV16MT2637 Datasheet HTML 6Page - AVX Corporation DFFHV16MT2637 Datasheet HTML 7Page - AVX Corporation DFFHV16MT2637 Datasheet HTML 8Page - AVX Corporation DFFHV16MT2637 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
58
092315
Rth1 (°C/W)
Height
Width (mm)
(mm)
125
175
230/240
0.40
0.41
295/305
0.33
0.36
370/380
0.27
0.30
450/460
0.22
0.26
530/540
0.19
0.22
610/620
0.17
0.19
THERMAL RESISTANCES
PARASITIC INDUCTANCE VS SIZE
Rth2 (°C)
Natural air cooling
Forced air cooling >2m/s
Height
Width (mm)
Width (mm)
(mm)
125
175
125
175
230/240
0.3
0.26
0.15
0.13
295/305
0.25
0.21
0.13
0.11
370/380
0.2
0.18
0.1
0.09
450/460
0.17
0.15
0.09
0.08
530/540
0.15
0.13
0.08
0.07
610/620
0.13
0.11
0.07
0.06
Rth1 (°C/W): Thermal resistance
between hot spot and case
Ls (nH) FFHV resin top
Height
Width (mm)
(mm)
2 Connections
4 Connections
125
175
125
175
230
70
73
27
30
295
72
77
29
34
370
75
82
32
39
450
79
86
36
43
530
82
91
39
48
610
85
96
42
53
Ls (nH) FTHV hermetic case
Height
Width (mm)
(mm)
2 Connections
4 Connections
125
175
125
175
240
73
76
28
31
305
75
80
30
35
380
78
85
33
40
460
82
89
37
44
540
85
94
40
49
620
88
99
43
54
Measurement @ 1MHz
For confined area, capacitor working in a closed cabinet, a thermal test
under real conditions is necessary to evaluate the thermal resistance.
Rth2 (°C/W): Thermal resistance between case and ambient air
under natural convection and forced air
Medium Power Film Capacitors
FFHV/FTHV 1500Vdc to 3000Vdc


Similar Part No. - DFFHV16MT2637

ManufacturerPart #DatasheetDescription
logo
ams AG
DFF2 AMSCO-DFF2 Datasheet
14Kb / 2P
   DFF2 is a fast , static, master-slave D flip-flop with 2x drive strngth. SET and RESET are asynchronous and active low
logo
List of Unclassifed Man...
DFF2N60 ETC2-DFF2N60 Datasheet
334Kb / 11P
   High ruggedness N-Channel MOSFET
More results

Similar Description - DFFHV16MT2637

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com