Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFFHV45MT2637 Datasheet(PDF) 7 Page - AVX Corporation

Part # DFFHV45MT2637
Description  Medium Power Film Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DFFHV45MT2637 Datasheet(HTML) 7 Page - AVX Corporation

Back Button DFFHV45MT2637 Datasheet HTML 3Page - AVX Corporation DFFHV45MT2637 Datasheet HTML 4Page - AVX Corporation DFFHV45MT2637 Datasheet HTML 5Page - AVX Corporation DFFHV45MT2637 Datasheet HTML 6Page - AVX Corporation DFFHV45MT2637 Datasheet HTML 7Page - AVX Corporation DFFHV45MT2637 Datasheet HTML 8Page - AVX Corporation DFFHV45MT2637 Datasheet HTML 9Page - AVX Corporation DFFHV45MT2637 Datasheet HTML 10Page - AVX Corporation DFFHV45MT2637 Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
61
092315
Medium Power Film Capacitors
FFHV/FTHV 1500Vdc to 3000Vdc
DIMENSIONS
2 FEMALE TERMINALS
4 FEMALE TERMINALS
General tolerances:
3
Obturation screw
30,h~7
18 0,5
15 1
10
22,5
=
165 1
340
385 2
430
=
1
General tolerances:
3
Obturation screw
30,h~7
18 0,5
15 1
10
22,5
=
80 1
340
385 2
430
=
80 1
80 1
2 MALE TERMINALS
MALE TERMINALS
General tolerances:
3
Obturation screw
30,h~7
18 0,5
15 1
10
22,5
=
165 1
340
385 2
430
=
1
General tolerances:
3
Obturation screw
30,h~7
18 0,5
15 1
10
22,5
=
80 1
340
385 2
430
=
80 1
80 1


Similar Part No. - DFFHV45MT2637

ManufacturerPart #DatasheetDescription
logo
ams AG
DFF2 AMSCO-DFF2 Datasheet
14Kb / 2P
   DFF2 is a fast , static, master-slave D flip-flop with 2x drive strngth. SET and RESET are asynchronous and active low
logo
List of Unclassifed Man...
DFF2N60 ETC2-DFF2N60 Datasheet
334Kb / 11P
   High ruggedness N-Channel MOSFET
More results

Similar Description - DFFHV45MT2637

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com