Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFFHV43MT2637 Datasheet(PDF) 8 Page - AVX Corporation

Part # DFFHV43MT2637
Description  Medium Power Film Capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DFFHV43MT2637 Datasheet(HTML) 8 Page - AVX Corporation

Back Button DFFHV43MT2637 Datasheet HTML 4Page - AVX Corporation DFFHV43MT2637 Datasheet HTML 5Page - AVX Corporation DFFHV43MT2637 Datasheet HTML 6Page - AVX Corporation DFFHV43MT2637 Datasheet HTML 7Page - AVX Corporation DFFHV43MT2637 Datasheet HTML 8Page - AVX Corporation DFFHV43MT2637 Datasheet HTML 9Page - AVX Corporation DFFHV43MT2637 Datasheet HTML 10Page - AVX Corporation DFFHV43MT2637 Datasheet HTML 11Page - AVX Corporation DFFHV43MT2637 Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
62
092315
Medium Power Film Capacitors
FFHV/FTHV 1500Vdc to 3000Vdc
WEIGHT VS SIZE
Weight (kg) FFHV resin top
Height
Width (mm)
(mm)
2 Connections
4 Connections
125
175
125
175
230
13
17.5
13.5
18
295
17
22.5
17.5
23
370
21
27.5
21.5
28
450
25
33.5
25.5
34
530
29
39
29.5
39.5
610
33.5
44.5
34
45
Weight (kg) FTHV hermetic case
Height
Width (mm)
(mm)
2 Connections
4 Connections
125
175
125
175
240
14.5
19
15
19.5
305
18
24
18.5
24.5
380
22
29.5
22.5
30
460
26.5
35
27
35.5
540
30.5
40.5
31
41
620
34.5
46
35
46.5
DIMENSIONS
FEMALE CONNECTIONS (max torque 15Nm)
MALE CONNECTIONS (max torque 25Nm)
FEMALE TERMINAL (max torque 15Nm)
MALE TERMINAL (max torque 25Nm)
20 1
M8 depth 17-0+4
ø28±1
M8 depth 17-0+4
ø60±1
Creepage distance : 52mm
Air distance : 30mm
M12
ø28±1
ø60±1
Creepage distance : 52mm
Air distance : 30mm
M12
25 1


Similar Part No. - DFFHV43MT2637

ManufacturerPart #DatasheetDescription
logo
ams AG
DFF2 AMSCO-DFF2 Datasheet
14Kb / 2P
   DFF2 is a fast , static, master-slave D flip-flop with 2x drive strngth. SET and RESET are asynchronous and active low
logo
List of Unclassifed Man...
DFF2N60 ETC2-DFF2N60 Datasheet
334Kb / 11P
   High ruggedness N-Channel MOSFET
More results

Similar Description - DFFHV43MT2637

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com