Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1059471 Datasheet(PDF) 5 Page - SICK AG

Part # 1059471
Description  POSITION SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1059471 Datasheet(HTML) 5 Page - SICK AG

  1059471 Datasheet HTML 1Page - SICK AG 1059471 Datasheet HTML 2Page - SICK AG 1059471 Datasheet HTML 3Page - SICK AG 1059471 Datasheet HTML 4Page - SICK AG 1059471 Datasheet HTML 5Page - SICK AG 1059471 Datasheet HTML 6Page - SICK AG 1059471 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MPA-719THTP0 | MPA
POSITION SENSORS
Recommended accessories
Other models and accessories
www.sick.com/MPA
Brief description
Type
Part no.
Brackets for cylinder sensors
Sensor adapter DSBC-32, Stainless steel V2A
BEF-KHZPF032MPA
2086744
For tie-rod cylinder (diameter tie-rod max. 18 mm), Aluminum alloy (adapter), Stainless
steel V2A (mounting-/fixing screw)
BEF-KHZPZ1MPA
2065578
For round body cylinders with diameter up to 85 mm, Stainless steel V2A
BEF-KHZR085MPA
2066626
For round body cylinders with diameter up to 135 mm, Stainless steel V2A
BEF-KHZR135MPA
2066627
For round body cylinders with diameter up to 210 mm, Stainless steel V2A
BEF-KHZR210MPA
2066628
Sensor adapter CP96-63, Stainless steel V2A
BEF-KHZTS063MPA
2086756
Sensor adapter CP96-80, Stainless steel V2A
BEF-KHZTS080MPA
2086757
Sensor adapter CP96-100, Stainless steel V2A
BEF-KHZTS100MPA
2086758
Sensor adapter CP96-125, Stainless steel V2A
BEF-KHZTS125MPA
2086759
For T-slot cylinders, Stainless steel V2A (bracket/mounting screw), Brass (fixing screw/
sliding nut)
BEF-KHZT01MPA
2065575
Mounting brackets and plates
Bracket for low mounting, Stainless steel V2A (bracket/mounting screw), Brass (fixing
screw)
BEF-WNL01MPA
2065973
Bracket for lateral mounting, Stainless steel V2A (bracket/mounting screw), Brass (fixing
screw)
BEF-WNZ01MPA
2065577
Other mounting accessories
10 pieces, Label Holder, 2.5 mm to 3.5 mm, 10 pcs., TPU
LABEL HOLDER
2086019
Plug connectors and cables
Head A: female connector, M8, 4-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 2 m
DOL-0804-G02MC
6025894
Head A: female connector, M8, 4-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 5 m
DOL-0804-G05MC
6025895
Head A: female connector, M8, 4-pin, angled
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 2 m
DOL-0804-W02MC
6025897
Head A: female connector, M8, 4-pin, angled
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 5 m
DOL-0804-W05MC
6025898
Head A: female connector, M8, 4-pin, straight
Head B: -
Cable: unshielded
DOS-0804-G
6009974
Head A: female connector, M8, 4-pin, angled
Head B: -
Cable: unshielded
DOS-0804-W
6009975
2017-05-04 16:20:10 | Online data sheet
Subject to change without notice
MAGNETIC CYLINDER SENSORS | SICK
5


Similar Part No. - 1059471

ManufacturerPart #DatasheetDescription
logo
SICK AG
1059470 SICK-1059470 Datasheet
2Mb / 7P
   POSITION SENSORS
1059472 SICK-1059472 Datasheet
2Mb / 7P
   POSITION SENSORS
1059473 SICK-1059473 Datasheet
2Mb / 7P
   POSITION SENSORS
1059474 SICK-1059474 Datasheet
2Mb / 7P
   POSITION SENSORS
1059475 SICK-1059475 Datasheet
2Mb / 7P
   POSITION SENSORS
More results

Similar Description - 1059471

ManufacturerPart #DatasheetDescription
logo
SICK AG
MPA-503THTU0 SICK-MPA-503THTU0 Datasheet
1Mb / 6P
   POSITION SENSORS
MPS-128TLTQ0 SICK-MPS-128TLTQ0 Datasheet
2Mb / 7P
   POSITION SENSORS
MPA-863THTP0 SICK-MPA-863THTP0 Datasheet
2Mb / 7P
   POSITION SENSORS
MPA-899THTP0 SICK-MPA-899THTP0 Datasheet
2Mb / 7P
   POSITION SENSORS
MPA-575THTP0B01 SICK-MPA-575THTP0B01 Datasheet
2Mb / 7P
   POSITION SENSORS
MPA-395THTU0 SICK-MPA-395THTU0 Datasheet
1Mb / 6P
   POSITION SENSORS
MPA-323THTU0 SICK-MPA-323THTU0 Datasheet
1Mb / 6P
   POSITION SENSORS
MPA-287THTU0 SICK-MPA-287THTU0 Datasheet
1Mb / 6P
   POSITION SENSORS
MPA-143THTP0 SICK-MPA-143THTP0 Datasheet
2Mb / 7P
   POSITION SENSORS
MPA-251THTP0 SICK-MPA-251THTP0 Datasheet
2Mb / 7P
   POSITION SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com