Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTBV45N06T4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTBV45N06T4G
Description  Power MOSFET 45 Amps, 60 Volts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTBV45N06T4G Datasheet(HTML) 1 Page - ON Semiconductor

  NTBV45N06T4G Datasheet HTML 1Page - ON Semiconductor NTBV45N06T4G Datasheet HTML 2Page - ON Semiconductor NTBV45N06T4G Datasheet HTML 3Page - ON Semiconductor NTBV45N06T4G Datasheet HTML 4Page - ON Semiconductor NTBV45N06T4G Datasheet HTML 5Page - ON Semiconductor NTBV45N06T4G Datasheet HTML 6Page - ON Semiconductor NTBV45N06T4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2011
October, 2011 − Rev. 1
1
Publication Order Number:
NTB45N06/D
NTB45N06, NTBV45N06
Power MOSFET
45 Amps, 60 Volts
N−Channel D2PAK
Designed for low voltage, high speed switching applications in
power supplies, converters and power motor controls and bridge
circuits.
Features
Higher Current Rating
Lower RDS(on)
Lower VDS(on)
Lower Capacitances
Lower Total Gate Charge
Tighter VSD Specification
Lower Diode Reverse Recovery Time
Lower Reverse Recovery Stored Charge
AEC−Q101 Qualified and PPAP Capable − NTBV45N06
These Devices are Pb−Free and are RoHS Compliant
Typical Applications
Power Supplies
Converters
Power Motor Controls
Bridge Circuits
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
Vdc
Drain−to−Gate Voltage (RGS = 10 MW)
VDGR
60
Vdc
Gate−to−Source Voltage
− Continuous
− Non−Repetitive (tpv10 ms)
VGS
VGS
"20
"30
Vdc
Drain Current
− Continuous @ TA = 25°C
− Continuous @ TA = 100°C
− Single Pulse (tpv10 ms)
ID
ID
IDM
45
30
150
Adc
Apk
Total Power Dissipation @ TA = 25°C
Derate above 25°C
Total Power Dissipation @ TA = 25°C (Note 1)
Total Power Dissipation @ TA = 25°C (Note 2)
PD
125
0.83
3.2
2.4
W
W/°C
W
W
Operating and Storage Temperature Range
TJ, Tstg
−55 to
+175
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 50 Vdc, VGS = 10 Vdc, RG = 25 W,
IL(pk) = 40 A, L = 0.3 mH, VDS = 60 Vdc)
EAS
240
mJ
Thermal Resistance
− Junction−to−Case
− Junction−to−Ambient (Note 1)
− Junction−to−Ambient (Note 2)
RqJC
RqJA
RqJA
1.2
46.8
63.2
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8 in from case for 10 seconds
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. When surface mounted to an FR4 board using 1 in pad size, (Cu Area 1.127 in2).
2. When surface mounted to an FR4 board using the minimum recommended
pad size, (Cu Area 0.412 in2).
45 AMPERES, 60 VOLTS
RDS(on) = 26 mW
N−Channel
D
S
G
MARKING DIAGRAMS
& PIN ASSIGNMENTS
1
2
3
4
D2PAK
CASE 418B
STYLE 2
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
NTx45N06 = Device Code
x
= B or P
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
NTx
45N06G
AYWW
1
Gate
3
Source
4
Drain
2
Drain


Similar Part No. - NTBV45N06T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTBV45N06 ONSEMI-NTBV45N06 Datasheet
66Kb / 8P
   Power MOSFET 45 Amps, 60 Volts N?밅hannel TO??20 and D2PAK
March, 2001 ??Rev. 0
NTBV45N06L ONSEMI-NTBV45N06L Datasheet
148Kb / 8P
   Power MOSFET 45 Amps, 60 Volts
October, 2011 ??Rev. 1
NTBV45N06LT4G ONSEMI-NTBV45N06LT4G Datasheet
148Kb / 8P
   Power MOSFET 45 Amps, 60 Volts
October, 2011 ??Rev. 1
More results

Similar Description - NTBV45N06T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB45N06L ONSEMI-NTB45N06L_11 Datasheet
148Kb / 8P
   Power MOSFET 45 Amps, 60 Volts
October, 2011 ??Rev. 1
NTP45N06 ONSEMI-NTP45N06 Datasheet
64Kb / 8P
   Power MOSFET 45 Amps, 60 Volts
March, 2001 ??Rev. 0
NTD40N03R ONSEMI-NTD40N03R Datasheet
65Kb / 8P
   Power MOSFET 45 Amps, 25 Volts
April, 2004 ??Rev. 5
NTD18N06-001 ONSEMI-NTD18N06-001 Datasheet
168Kb / 9P
   Power MOSFET 18 Amps, 60 Volts
March, 2006 ??Rev. 2
NTD32N06L-001 ONSEMI-NTD32N06L-001 Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
MTP23P06VG ONSEMI-MTP23P06VG Datasheet
74Kb / 7P
   Power MOSFET 23 Amps, 60 Volts
June, 2006 ??Rev. 4
NTP52N10G ONSEMI-NTP52N10G Datasheet
164Kb / 7P
   Power MOSFET 60 Amps, 100 Volts
March, 2006 ??Rev. 4
NTD32N06LT4G ONSEMI-NTD32N06LT4G Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
NTD60N03 ONSEMI-NTD60N03 Datasheet
89Kb / 10P
   Power MOSFET 60 Amps, 28 Volts
March, 2003 - Rev. 5
NTP27N06L ONSEMI-NTP27N06L Datasheet
66Kb / 8P
   Power MOSFET 27 Amps, 60 Volts
January, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com