Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDD05N50Z-1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NDD05N50Z-1G
Description  N-Channel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDD05N50Z-1G Datasheet(HTML) 2 Page - ON Semiconductor

  NDD05N50Z-1G Datasheet HTML 1Page - ON Semiconductor NDD05N50Z-1G Datasheet HTML 2Page - ON Semiconductor NDD05N50Z-1G Datasheet HTML 3Page - ON Semiconductor NDD05N50Z-1G Datasheet HTML 4Page - ON Semiconductor NDD05N50Z-1G Datasheet HTML 5Page - ON Semiconductor NDD05N50Z-1G Datasheet HTML 6Page - ON Semiconductor NDD05N50Z-1G Datasheet HTML 7Page - ON Semiconductor NDD05N50Z-1G Datasheet HTML 8Page - ON Semiconductor NDD05N50Z-1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NDF05N50Z, NDD05N50Z
www.onsemi.com
2
THERMAL RESISTANCE
Parameter
Symbol
Value
Unit
Junction−to−Case (Drain)
NDF05N50Z
NDD05N50Z
RqJC
4.2
1.5
°C/W
Junction−to−Ambient Steady State
(Note 3) NDF05N50Z
(Note 4) NDD05N50Z
(Note 3) NDD05N50Z−1
RqJA
50
38
80
3. Insertion mounted
4. Surface mounted on FR4 board using 1″ sq. pad size, (Cu area = 1.127 in sq [2 oz] including traces).
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 1 mA
500
V
Breakdown Voltage Temperature Co-
efficient
DBVDSS/
DTJ
Reference to 25°C,
ID = 1 mA
0.6
V/°C
Drain−to−Source Leakage Current
IDSS
VDS = 500 V, VGS = 0 V
25°C
1
mA
150°C
50
Gate−to−Source Forward Leakage
IGSS
VGS = ±20 V
±10
mA
ON CHARACTERISTICS (Note 5)
Static Drain−to−Source
On−Resistance
RDS(on)
VGS = 10 V, ID = 2.2 A
1.25
1.5
W
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 50 mA
3.0
3.9
4.5
V
Forward Transconductance
gFS
VDS = 15 V, ID = 2.5 A
3.5
S
DYNAMIC CHARACTERISTICS
Input Capacitance (Note 6)
Ciss
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
421
530
632
pF
Output Capacitance (Note 6)
Coss
50
68
80
Reverse Transfer Capacitance
(Note 6)
Crss
8
15
25
Total Gate Charge (Note 6)
Qg
VDD = 250 V, ID = 5 A,
VGS = 10 V
9
18.5
28
nC
Gate−to−Source Charge (Note 6)
Qgs
2
4
6
Gate−to−Drain (“Miller”) Charge
(Note 6)
Qgd
5
10
15
Plateau Voltage
VGP
6.5
V
Gate Resistance
Rg
1.5
4.5
8
W
RESISTIVE SWITCHING CHARACTERISTICS
Turn−On Delay Time
td(on)
VDD = 250 V, ID = 5 A,
VGS = 10 V, RG = 5 W
11
ns
Rise Time
tr
15
Turn−Off Delay Time
td(off)
24
Fall Time
tf
14
SOURCE−DRAIN DIODE CHARACTERISTICS (TC = 25°C unless otherwise noted)
Diode Forward Voltage
VSD
IS = 5 A, VGS = 0 V
1.6
V
Reverse Recovery Time
trr
VGS = 0 V, VDD = 30 V
IS = 5 A, di/dt = 100 A/ms
255
ns
Reverse Recovery Charge
Qrr
1.25
mC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Pulse Width ≤ 380 ms, Duty Cycle ≤ 2%.
6. Guaranteed by design.


Similar Part No. - NDD05N50Z-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDD05N50Z-1G ONSEMI-NDD05N50Z-1G Datasheet
166Kb / 9P
   N-Channel Power MOSFET 500 V, 1.25 ?
December, 2009 ??Rev. 0
More results

Similar Description - NDD05N50Z-1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com