Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDD02N60ZT4G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NDD02N60ZT4G
Description  N-Channel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDD02N60ZT4G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NDD02N60ZT4G Datasheet HTML 2Page - ON Semiconductor NDD02N60ZT4G Datasheet HTML 3Page - ON Semiconductor NDD02N60ZT4G Datasheet HTML 4Page - ON Semiconductor NDD02N60ZT4G Datasheet HTML 5Page - ON Semiconductor NDD02N60ZT4G Datasheet HTML 6Page - ON Semiconductor NDD02N60ZT4G Datasheet HTML 7Page - ON Semiconductor NDD02N60ZT4G Datasheet HTML 8Page - ON Semiconductor NDD02N60ZT4G Datasheet HTML 9Page - ON Semiconductor NDD02N60ZT4G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NDF02N60Z, NDD02N60Z
www.onsemi.com
8
PACKAGE DIMENSIONS
TO−220 FULLPACK, 3−LEAD
CASE 221AH
ISSUE F
DIM
MIN
MAX
MILLIMETERS
D
14.70
15.30
E
9.70
10.30
A
4.30
4.70
b
0.54
0.84
P
3.00
3.40
e
L1
---
2.80
c
0.49
0.79
L
12.50
14.73
b2
1.10
1.40
Q
2.80
3.20
A2
2.50
2.90
A1
2.50
2.90
H1
6.60
7.10
E
Q
L1
b2
e
D
L
P
12 3
b
SEATING
PLANE
A
A1
H1
A2
c
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. CONTOUR UNCONTROLLED IN THIS AREA.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH AND GATE
PROTRUSIONS. MOLD FLASH AND GATE PROTRUSIONS NOT TO
EXCEED 0.13 PER SIDE. THESE DIMENSIONS ARE TO BE
MEASURED AT OUTERMOST EXTREME OF THE PLASTIC BODY.
5. DIMENSION b2 DOES NOT INCLUDE DAMBAR PROTRUSION.
LEAD WIDTH INCLUDING PROTRUSION SHALL NOT EXCEED 2.00.
6. CONTOURS AND FEATURES OF THE MOLDED PACKAGE BODY
MAY VARY WITHIN THE ENVELOP DEFINED BY DIMENSIONS A1
AND H1 FOR MANUFACTURING PURPOSES.
2.54 BSC
M
0.14
M
A
A
B
C
E/2
M
0.25
M
A
B
3X
C
3X
B
NOTE 3
FRONT VIEW
SIDE VIEW
SECTION D−D
ALTERNATE CONSTRUCTION
SECTION A−A
A
NOTE 6
A
DD
NOTE 6
H1


Similar Part No. - NDD02N60ZT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDD02N60ZT4G ONSEMI-NDD02N60ZT4G Datasheet
168Kb / 10P
   N-Channel Power MOSFET 600 V, 4.0 
April, 2010 ??Rev. 2
logo
VBsemi Electronics Co.,...
NDD02N60ZT4G VBSEMI-NDD02N60ZT4G Datasheet
1Mb / 9P
   N-Channel 650V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
NDD02N60ZT4G DOINGTER-NDD02N60ZT4G Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - NDD02N60ZT4G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com