Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP16N60M2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP16N60M2
Description  N-channel 600 V, 0.28typ., 12 A MDmesh??M2 Power MOSFET in TO-220 and IPAK packages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16N60M2 Datasheet(HTML) 2 Page - STMicroelectronics

  STP16N60M2 Datasheet HTML 1Page - STMicroelectronics STP16N60M2 Datasheet HTML 2Page - STMicroelectronics STP16N60M2 Datasheet HTML 3Page - STMicroelectronics STP16N60M2 Datasheet HTML 4Page - STMicroelectronics STP16N60M2 Datasheet HTML 5Page - STMicroelectronics STP16N60M2 Datasheet HTML 6Page - STMicroelectronics STP16N60M2 Datasheet HTML 7Page - STMicroelectronics STP16N60M2 Datasheet HTML 8Page - STMicroelectronics STP16N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Contents
STP16N60M2, STU16N60M2
2/16
DocID027198 Rev 1
Contents
1
Electrical ratings ............................................................................. 3
2
Electrical characteristics ................................................................ 4
2.1
Electrical characteristics (curves)...................................................... 6
3
Test circuits ..................................................................................... 9
4
Package mechanical data ............................................................. 10
4.1
TO-220 type A package information................................................ 11
4.2
IPAK (TO-251) Type A package information ................................... 13
5
Revision history ............................................................................ 15


Similar Part No. - STP16N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16N65M2 STMICROELECTRONICS-STP16N65M2 Datasheet
824Kb / 16P
   N-channel 650 V, 0.32 ??typ., 11 A MDmesh M2 Power MOSFETs in TO-220 and IPAK packages
October 2014 Rev 1
logo
Inchange Semiconductor ...
STP16N65M2 ISC-STP16N65M2 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP16N65M5 STMICROELECTRONICS-STP16N65M5 Datasheet
1Mb / 19P
   N-channel 650 V, 0.230 Ohm, 12 A MDmesh V Power MOSFET in DPAK, DPAK
STP16N65M5 STMICROELECTRONICS-STP16N65M5 Datasheet
1Mb / 20P
   N-channel 650 V, 0.230 廓, 12 A MDmesh??V Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247
logo
Inchange Semiconductor ...
STP16N65M5 ISC-STP16N65M5 Datasheet
303Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Similar Description - STP16N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7N65M2 STMICROELECTRONICS-STP7N65M2 Datasheet
881Kb / 18P
   N-channel 650 V, 0.98 廓 typ., 5 A MDmesh??M2 Power MOSFETs in TO-220 and IPAK packages
May 2015 Rev 3
STD13NM60N STMICROELECTRONICS-STD13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STF13NM60N STMICROELECTRONICS-STF13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STP13N65M2 STMICROELECTRONICS-STP13N65M2 Datasheet
551Kb / 16P
   N-channel 650 V, 0.37 ??typ.,10 A MDmesh??M2 Power MOSFETs in TO-220 and IPAK packages
December 2014 Rev 1
STP16N65M2 STMICROELECTRONICS-STP16N65M2 Datasheet
824Kb / 16P
   N-channel 650 V, 0.32 ??typ., 11 A MDmesh M2 Power MOSFETs in TO-220 and IPAK packages
October 2014 Rev 1
STU9HN65M2 STMICROELECTRONICS-STU9HN65M2 Datasheet
417Kb / 12P
   N-channel 600 V, 0.71 廓 typ., 5.5 A MDmesh??M2 Power MOSFET in an IPAK package
April 2015 Rev 2
STP13NM60N STMICROELECTRONICS-STP13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
STB42N60M2-EP STMICROELECTRONICS-STB42N60M2-EP Datasheet
393Kb / 20P
   N-channel 600 V, 0.076 廓 typ., 34 A MDmesh??M2 EP Power MOSFETs in D짼PAK, TO-220 and TO-247 packages
January 2015 Rev 1
STD8NM50N STMICROELECTRONICS-STD8NM50N Datasheet
1Mb / 19P
   N-channel 500 V, 0.73 廓 typ., 5 A MDmesh?줚I Power MOSFET in DPAK, TO-220 and IPAK packages
STD14NM50N STMICROELECTRONICS-STD14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com