Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC9457F Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TC9457F
Description  Firmware Built In Digital Servo
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9457F Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TC9457F Datasheet HTML 6Page - Toshiba Semiconductor TC9457F Datasheet HTML 7Page - Toshiba Semiconductor TC9457F Datasheet HTML 8Page - Toshiba Semiconductor TC9457F Datasheet HTML 9Page - Toshiba Semiconductor TC9457F Datasheet HTML 10Page - Toshiba Semiconductor TC9457F Datasheet HTML 11Page - Toshiba Semiconductor TC9457F Datasheet HTML 12Page - Toshiba Semiconductor TC9457F Datasheet HTML 13Page - Toshiba Semiconductor TC9457F Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TC9457F
2002-10-21
10
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VDD
−0.3~6.0
V
Input voltage
VIN
−0.3~VDD + 0.3
V
Power dissipation
PD
1400
mW
Operating temperature
Topr
−40~85
°C
Storage temperature
Tstg
−65~150
°C
Electrical Characteristics (Ta = 25°C, VDD = MVDD = AVDD = DVDD = XVDD = 5 V,
2VREF = P2VREF = 4.2 V, VREF = PVREF = 2.1 V, unless otherwise specified)
MVDD (CPU unit power supply)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
MVDD1
When CPU and CD operating.
However,
MVDD ≥ VDD
(Note 5)
4.5
5.0
5.5
MVDD2
When CPU operating
(CD powered off, 4.5 MHz
crystal connected)
(Note 5)
4.5
5.0
5.5
Operating supply voltage
MVDD3
When CPU operating (CD
powered off, 75 kHz crystal
connected)
(Note 5)
2.7
5.0
5.5
V
Memory retention voltage range
MVHD
When crystal oscillator stopped
(CKSTP instruction executed)
(Note 5)
2.0
~
5.5
V
MVDD1
When CPU operating
(XI = 16.9344 MHz crystal
connected)
1.0
2.0
MVDD2
When CPU operating(MXI =
4.5 MHz crystal connected)
2.0
4.0
MVDD3
When CPU operating (MXI =
75 kHz crystal connected)
0.75
2.0
Operating supply current
MVDD4
Standby mode (only crystal
oscillating, 4.5 MHz or 75 kHz
crystal connected)
0.5
15
mA
Memory retention current
MIHD
When crystal oscillator stopped
(CKSTP instruction executed)
0.1
1.0
µA
f MXT1
Rf = 1 MΩ, Rout = 0 Ω,
Ci = Co = 30 pF
(Note 5, 6)
4.5
MHz
Crystal oscillation frequency
f MXT2
Rf = 10 MΩ, Rout = 100 kΩ,
Ci = Co = 15 pF,
MVDD = 2.7~5.5 V (Note 5, 6)
75
kHz
Crystal oscillation start time
tst
Crystal oscillation fmxt = 75
kHz
1.0
s
Note 5: Guaranteed at VDD = MVDD = 4.5 to 5.5 V and Ta = −40 to 85°C
Note 6: Consider the crystal resonator used in your system when determining constants, etc.


Similar Part No. - TC9457F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9452F TOSHIBA-TC9452F Datasheet
606Kb / 15P
   SINGLE CHIP SURROUND LSI
TC9455F TOSHIBA-TC9455F Datasheet
233Kb / 14P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC9455N TOSHIBA-TC9455N Datasheet
233Kb / 14P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC9456F TOSHIBA-TC9456F Datasheet
624Kb / 16P
   SINGLE CHIP SURROUND LSI WITH A BUILT-IN SRS
TC9459 TOSHIBA-TC9459 Datasheet
417Kb / 12P
   ELECTRONIC VOLUME CONTROL
More results

Similar Description - TC9457F

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2588Q SONY-CXD2588Q Datasheet
986Kb / 121P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com