Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0347938082 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0347938082
Description  Mini50 Unsealed Right Angle Header, Single Row, 8 Circuit, Polarization Option C, Dark Gray, Tape and Reel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0347938082 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0347938082 Datasheet HTML 1Page - Molex Electronics Ltd. 0347938082 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/17/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0347938082
Status:
Active
Overview:
Mini50™ Connection Systems
Description:
Mini50™ Unsealed Right Angle Header, Single Row, 8 Circuit, Polarization Option C,
Dark Gray, Tape and Reel
Documents:
Drawing (PDF)
Packaging Specification PK-47799-0001 (PDF)
Product Specification PS-34791-020-001 (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification PK-31301-786 (PDF)
Product Literature (PDF)
General
Product Family
PCB Headers
Series
34793
Application
Power, Signal, Wire-to-Board
Overview
Mini50™ Connection Systems
Product Literature Order No
987650-5442
Product Name
Mini50™
UPC
191128064101
Physical
Breakaway
No
Circuits (Loaded)
8
Circuits (maximum)
8
Color - Resin
Gray (Dark)
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin over Nickel
Material - Plating Termination
Tin over Nickel
Material - Resin
Polyester Alloy
Net Weight
1.714/g
Number of Rows
1
Orientation
Right Angle
PC Tail Length
2.90mm
PCB Locator
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface
2.00mm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
4.0A
Voltage - Maximum
500V DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-31301-786, PK-47799-0001
Product Specification
PS-34791-020-001
Sales Drawing
SD-34793-001
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
34793 Series
Mates With
34791 Mini50™ Unsealed Single Row
Receptacle


Similar Part No. - 0347938082

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0347938080 MOLEX1-0347938080 Datasheet
47Kb / 2P
   Mini50 Unsealed Right Angle Header, Single Row, 8 Circuit, Polarization Option A, Black, Tape and Reel
0347938081 MOLEX1-0347938081 Datasheet
47Kb / 2P
   Mini50 Unsealed Right Angle Header, Single Row, 8 Circuit, Polarization Option B, Gray, Tape and Reel
More results

Similar Description - 0347938082

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34912-8082 MOLEX11-34912-8082 Datasheet
50Kb / 1P
   Mini50 Unsealed, Single Row, Right-Angle Header, 8 Circuit, Polarization Option C, Dark Gray, Tape and Reel
0349128082 MOLEX1-0349128082 Datasheet
45Kb / 2P
   Mini50 Unsealed Right Angle Header, Single Row, 8 Circuit, Polarization Option C,Dark Gray, Tape and Reel
0347928082 MOLEX1-0347928082 Datasheet
46Kb / 1P
   Mini50 Unsealed Vertical Header, Single Row, 8 Circuit, Polarization Option C, Dark Gray, Tape and Reel
0349128022 MOLEX1-0349128022 Datasheet
51Kb / 2P
   Mini50 Unsealed Right Angle Header, Single Row, 2 Circuit, Polarization Option C,Dark Gray, Tape and Reel
0347938042 MOLEX1-0347938042 Datasheet
46Kb / 2P
   Mini50 Unsealed Right Angle Header, Single Row, 4 Circuit, Polarization Option C, Dark Gray, Tape and Reel
0349128042 MOLEX1-0349128042 Datasheet
45Kb / 2P
   Mini50 Unsealed Right Angle Header, Single Row, 4 Circuit, Polarization Option C, Dark Gray, Tape and Reel
0348268162 MOLEX1-0348268162 Datasheet
44Kb / 2P
   Mini50 Unsealed Right Angle Header, Dual Row, 16 Circuit, Polarization Option C, Dark Gray, Tape and Reel
0348268242 MOLEX1-0348268242 Datasheet
44Kb / 2P
   Mini50 Unsealed Right Angle Header, Dual Row, 24 Circuit, Polarization Option C, Dark Gray, Tape and Reel
0348268202 MOLEX1-0348268202 Datasheet
44Kb / 2P
   Mini50 Unsealed Right Angle Header, Dual Row, 20 Circuit, Polarization Option C, Dark Gray, Tape and Reel
0347928042 MOLEX1-0347928042 Datasheet
45Kb / 1P
   Mini50 Unsealed Vertical Header, Single Row, 4 Circuit, Polarization Option C, Dark Gray, Tape and Reel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com