Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFLC13FD4427 Datasheet(PDF) 3 Page - AVX Corporation

Part # FFLC13FD4427
Description  Medium Power Film Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFLC13FD4427 Datasheet(HTML) 3 Page - AVX Corporation

  FFLC13FD4427 Datasheet HTML 1Page - AVX Corporation FFLC13FD4427 Datasheet HTML 2Page - AVX Corporation FFLC13FD4427 Datasheet HTML 3Page - AVX Corporation FFLC13FD4427 Datasheet HTML 4Page - AVX Corporation FFLC13FD4427 Datasheet HTML 5Page - AVX Corporation FFLC13FD4427 Datasheet HTML 6Page - AVX Corporation FFLC13FD4427 Datasheet HTML 7Page - AVX Corporation FFLC13FD4427 Datasheet HTML 8Page - AVX Corporation FFLC13FD4427 Datasheet HTML 9Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
44
JUNE 2015
Medium Power Film Capacitors
FFLC
3. Refer to the curve and deduce the lifetime vs Uw/Un ratio
eg: rated voltage 1000V
working voltage 950V
ρ = 0.95 ⇒ lifetime 200,000 hours
@ 70°C hot spot temperature
Please, find a calculation form at the end of the catalog
0.8
0.9
1
.1.1
1.2
1.3
1.4
100
1,000
10,000
100,000
1,000,000
Lifetime Expectancy (hours)
HS=70°C
200,000
0.95
Rth1 (°C/W)
Height
Width (mm)
(mm)
100
125
150
175
245
0.56
0.67
0.76
0.82
315
0.41
0.49
0.56
0.6
385
0.3
0.36
0.41
0.44
455
0.25
0.3
0.34
0.37
525
0.2
0.24
0.27
0.3
595
0.17
0.21
0.24
0.26
Low inductance design
available on request
THERMAL RESISTANCES
PARASITIC INDUCTANCE VS SIZE
Rth2 (°C)
Natural air cooling
Forced air cooling >2m/s
Height
Width (mm)
Width (mm)
(mm)
100
125
150
175
100
125
150
175
245
0.47
0.44
0.42
0.40
0.23
0.22
0.21
0.20
315
0.36
0.35
0.33
0.31
0.18
0.17
0.16
0.16
385
0.30
0.28
0.27
0.25
0.15
0.14
0.13
0.13
455
0.25
0.24
0.23
0.22
0.13
0.12
0.11
0.11
525
0.22
0.21
0.20
0.19
0.11
0.10
0.10
0.09
595
0.19
0.18
0.17
0.16
0.10
0.09
0.09
0.08
Rth1 (°C/W): Thermal resistance
between hot spot and case
Ls (nH)
Height
Width (mm)
(mm)
100
125
150
175
245
32
34
35
37
315
34
36
38
40
385
36
39
41
44
455
38
41
44
48
525
40
43
47
51
595
42
46
51
55
Measurement @ 1MHz
For confined area, capacitor working in a closed cabinet, a thermal test
under real conditions is necessary to evaluate the thermal resistance.
Rth2 (°C/W): Thermal resistance between case and ambient air
under natural convection and forced air


Similar Part No. - FFLC13FD4427

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FFL MSYSTEM-FFL Datasheet
108Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FFL-66-K MSYSTEM-FFL-66-K Datasheet
108Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FFL-66-K/Q MSYSTEM-FFL-66-K/Q Datasheet
108Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FFL-66-L MSYSTEM-FFL-66-L Datasheet
108Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
FFL-66-L/Q MSYSTEM-FFL-66-L/Q Datasheet
108Kb / 3P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FFLC13FD4427

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
   Medium Power Film Capacitors
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com