Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM16C010 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PCM16C010
Description  Configurable PC Card Interface Chip
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PCM16C010 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button PCM16C010 Datasheet HTML 7Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 8Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 9Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 10Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 11Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 12Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 13Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 14Page - National Semiconductor (TI) PCM16C010 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
50 Functional Description (Continued)
NAND
EN
This bit if set to one (1) configures the func-
tion as a NAND Flash (NM29N16) interface (see Section
544 for specific function details) If set to zero (0) the func-
tion assumes normal IO interface functionality
Watchdog Time-Out Register
0x03FC
D7
D6
D5–D0
RFU
Wait
Tout Enable
RFU
Wait
Tout Enable
When this bit is set to a one (1) the
HWAIT
time-out watchdog timer is enabled In addition
the ability to set
Intr in the Function Configuration Option
Register
Intr in the Card Configuration Register
and
IREQ
is enabled once the watchdog timer expires The
watchdog timer may expire if HWAIT
is asserted for more
than approximately 112 ms when MCLK is set to 20 MHz
This prevents the system from hanging due to prolonged
HWAIT
assertions If this bit is reset to zero (0) Wait
Tout and its associated interrupt capability is disabled during
HWAIT assertions
ID Register
0x1000
This read only register provides the software with IC revision
information
D7–D3
D2–D0
PCM16C010 Code e 00010b
Revision Code e 001b
NSC PCM16C010 Code
This code may be used to identi-
fy the NSC PCM16C010 IC The value of bits D7 – D3 of this
register is 00010 which when appended to the three bits of
the revision code produce 00010 xxx which is 1x hex
Revision Code
This will uniquely identify the silicon ver-
sion of the PCM16C010 IC as 001b
EEPROM Access
In order to avoid accidental EEPROM overwrite
the
PCM16C010 utilizes two registers that must be written with
the proper byte sequence in order to enable EEPROM
writes In order to initiate an EEPROM write the following
register write sequence must be executed
Register
Attribute Register Address Hex Data
EE Control Reg
1002
2E
EE Security Reg
1004
B7
EE Control Reg
1002
91
Failure to initiate the exact sequence will disable writes
regardless of the value placed in the WriteEEPROM or
EEPROMWriteEn bits of the EEPROM Control Register
EEPROM Control Register
0x1002
This register (in conjunction with the EEPROM Security
Register for writes) controls reading and writing the
EEPROM as well as the EEPROM enable
D7
D6
D5–D1
D0
WriteEEPROM
ReadEEPROM
Reserved
EEPROMWriteEn
WriteEEPROM
When set this tells the EEPROM control-
ler to copy the contents of the PCM16C010 Shadow RAM to
the EEPROM provided the proper write security sequence
listed above has been executed Once the EEPROM write
has completed the EEPROM controller clears this bit
ReadEEPROM
When set this tells the EEPROM control-
ler to copy the contents of the EEPROM to the shadow
RAM Once done the EEPROM controller clears this bit
Any data modified in the Shadow RAM that has not first
been written back to the EEPROM will be lost
The
EEPROM may be read independent of the value in the
EEPROMWriteEnable bit
EEPROMWriteEn
This must be set to allow EEPROM
writes If clear the EEPROM may not be written The default
value at reset is low The EEPROM may be read indepen-
dent of the value of this bit
Note 1
Upon power-up the PCM16C010 EEPROM controller copies the
entire contents of the lower 1 kbytes of the EEPROM into the Shad-
ow RAM independent of writing to the EEPROM Control Register
Note 2
The PCM16C010 EEPROM controller stores data in a 16-bit orga-
nized EEPROM in lowhigh format Although Attribute Memory is
on even byte boundaries only the entire EEPROM’s address space
is used This eliminates waste of EEPROM memory Therefore the
Attribute space used by the Shadow RAM is double the actual size
of the EEPROM For example if a 16-bit EEPROM is pre-pro-
grammed the low byte at word 0 in the EEPROM will be shadowed
at Attribute location 0x0000 and the high byte will be shadowed at
Attribute location 0x0002 The low byte at EEPROM word 1 will be
shadowed to Attribute location 0x0004 etc
EEPROM Security Register
0x1004
This register in conjunction with the EEPROM Control Reg-
ister is used to prevent accidental EEPROM overwriting
When written in the proper sequence as outlined above with
hex data B7 it allows EEPROM write access
532 PC Card Register
Function Configuration Option Register
0x1020
D7
D6
D5–D0
SRESET
LevIREQ
Function Configuration Index
http
www nationalcom
11


Similar Part No. - PCM16C010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PCM16C00 NSC-PCM16C00 Datasheet
397Kb / 40P
   Configurable Multiple Function PCMCIA Interface Chip
PCM16C02 NSC-PCM16C02 Datasheet
420Kb / 42P
   Configurable Multiple Function PC Card Interface Chip
PCM16C02VJG NSC-PCM16C02VJG Datasheet
420Kb / 42P
   Configurable Multiple Function PC Card Interface Chip
More results

Similar Description - PCM16C010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PCM16C02 NSC-PCM16C02 Datasheet
420Kb / 42P
   Configurable Multiple Function PC Card Interface Chip
PCM16C00 NSC-PCM16C00 Datasheet
397Kb / 40P
   Configurable Multiple Function PCMCIA Interface Chip
logo
Vishay Siliconix
SI9711 VISHAY-SI9711 Datasheet
81Kb / 7P
   PC Card (PCMCIA) Interface Switch
Rev. G, 19-Apr-04
SI9706DY VISHAY-SI9706DY_V01 Datasheet
234Kb / 6P
   PC Card (PCMCIA) Interface Switch
01-Jan-2022
SI9711CY VISHAY-SI9711CY Datasheet
189Kb / 6P
   PC Card (PCMCIA) Interface Switch
Rev. F, 05-Apr-99
SI9706DY VISHAY-SI9706DY Datasheet
46Kb / 4P
   PC Card (PCMCIA) Interface Switch
Rev. G, 16-Feb-04
SI9707DY VISHAY-SI9707DY Datasheet
116Kb / 4P
   PC Card (PCMCIA) Dual Interface Switch
Rev. E, 05-Apr-99
SI9707 VISHAY-SI9707 Datasheet
63Kb / 5P
   PC Card (PCMCIA) Dual Interface Switch
Rev. F, 19-Apr-04
logo
National Semiconductor ...
54LVXC3245 NSC-54LVXC3245 Datasheet
116Kb / 10P
   8-Bit Dual Supply Configurable Voltage Interface
logo
Texas Instruments
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com