Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR2512JR-0797R6L Datasheet(PDF) 10 Page - YAGEO Corporation

Part # SR2512JR-0797R6L
Description  ARRAY CHIP RESISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SR2512JR-0797R6L Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button SR2512JR-0797R6L Datasheet HTML 4Page - YAGEO Corporation SR2512JR-0797R6L Datasheet HTML 5Page - YAGEO Corporation SR2512JR-0797R6L Datasheet HTML 6Page - YAGEO Corporation SR2512JR-0797R6L Datasheet HTML 7Page - YAGEO Corporation SR2512JR-0797R6L Datasheet HTML 8Page - YAGEO Corporation SR2512JR-0797R6L Datasheet HTML 9Page - YAGEO Corporation SR2512JR-0797R6L Datasheet HTML 10Page - YAGEO Corporation SR2512JR-0797R6L Datasheet HTML 11Page - YAGEO Corporation SR2512JR-0797R6L Datasheet HTML 12Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SERIES
YC/TC
102 to 358
Chip Resistor Surface Mount
www.yageo.com
Feb. 16, 2017 V.5
Product specification
10
12
TESTS AND REQUIREMENTS
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Life/
Operational Life/
Endurance
MIL-STD-202G-method 108A
IEC 60115-1 4.25.1
JIS C 5202-7.10
1,000 hours at 70± 5 °C applied RCWV
1.5 hours on, 0.5 hour off, still air required
± (2%+0.05 Ω)
<100 mΩ for Jumper
High Temperature
Exposure/
Endurance at
Upper Category
Temperature
MIL-STD-202G-method 108A
IEC 60115-1 4.25.3
JIS C 5202-7.11
1,000 hours at maximum operating
temperature depending on specification,
unpowered
No direct impingement of forced air to the
parts
Tolerances: 125± 3 °C
± (1%+0.05 Ω)
<50 mΩ for Jumper
Moisture
Resistance
MIL-STD-202G-method 106F
IEC 60115-1 4.24.2
Each temperature / humidity cycle is defined at
8 hours (method 106F), 3 cycles / 24 hours for
10d with 25 °C / 65 °C 95% R.H, without
steps 7a & 7b, unpowered
Parts mounted on test-boards, without
condensation on parts
Measurement at 24± 2 hours after
test conclusion
± (2%+0.05 Ω)
<100 mΩ for Jumper
Thermal Shock
MIL-STD-202G-method 107G
-55/+125 °C
Note: Number of cycles required is 300.
Devices mounted
Maximum transfer time is 20 seconds. Dwell
time is 15 minutes. Air – Air
± (1%+0.05 Ω)
<50 mΩ for Jumper
Short Time
Overload
MIL-R-55342D-para 4.7.5
IEC60115-1 4.13
2.5 times RCWV or maximum overload
voltage whichever is less for 5 sec at room
temperature
± (2%+0.05 Ω)
<50 mΩ for Jumper
No visible damage
Board Flex/
Bending
IEC60115-1 4.33
Device mounted on PCB test board as
described, only 1 board bending required
3 mm bending
Bending time: 60± 5 seconds
Ohmic value checked during bending
± (1%+0.05 Ω)
<50 mΩ for Jumper
No visible damage
Table 4 Test condition, procedure and requirements


Similar Part No. - SR2512JR-0797R6L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR2512JR-0797R6L YAGEO-SR2512JR-0797R6L Datasheet
700Kb / 8P
   SURGE CHIP RESISTORS
More results

Similar Description - SR2512JR-0797R6L

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com