Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR2512JR-0797R6L Datasheet(PDF) 8 Page - YAGEO Corporation

Part # SR2512JR-0797R6L
Description  ARRAY CHIP RESISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SR2512JR-0797R6L Datasheet(HTML) 8 Page - YAGEO Corporation

Back Button SR2512JR-0797R6L Datasheet HTML 4Page - YAGEO Corporation SR2512JR-0797R6L Datasheet HTML 5Page - YAGEO Corporation SR2512JR-0797R6L Datasheet HTML 6Page - YAGEO Corporation SR2512JR-0797R6L Datasheet HTML 7Page - YAGEO Corporation SR2512JR-0797R6L Datasheet HTML 8Page - YAGEO Corporation SR2512JR-0797R6L Datasheet HTML 9Page - YAGEO Corporation SR2512JR-0797R6L Datasheet HTML 10Page - YAGEO Corporation SR2512JR-0797R6L Datasheet HTML 11Page - YAGEO Corporation SR2512JR-0797R6L Datasheet HTML 12Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SERIES
YC/TC
102 to 358
Chip Resistor Surface Mount
www.yageo.com
Feb. 16, 2017 V.5
Product specification
8
12
Table 2
FOOTPRINT AND SOLDERING PROFILES
For recommended footprint and soldering profiles, please refer to data sheet “Chip resistors mounting”.
ELECTRICAL CHARACTERISTICS
TYPE
POWER
P70
OPERATING
TEMP. RANGE
MWV
RCOV
DWV
RESISTANCE RANGE &
TOLERANCE
T. C. R.
Jumper criteria
(unit: A)
YC102
1/32W
-55°C to +125°C
15V
30V
30V
E24 ± 5%
E24/E96 ± 1%
Jumper
10Ω ≤ R ≤ 1MΩ
10Ω ≤ R ≤ 1MΩ
< 0.05Ω
± 200 ppm/°C
Rated current
Max. current
0.5
1.0
YC104
1/32W
-55°C to +125°C
12.5V
25V
25V
E24 ± 5%
E24/E96 ± 1%
Jumper
10Ω ≤ R ≤ 1MΩ
10Ω ≤ R ≤ 1MΩ
< 0.05Ω
Rated current
Max. current
0.5
1.0
YC122
1/16W
-55°C to +155°C
50V
100V
100V
E24 ± 5%
E24/E96 ± 1%
Jumper
1Ω ≤ R ≤ 1MΩ
1Ω ≤ R ≤ 1MΩ
< 0.05Ω
1Ω ≤ R ≤ 10Ω
± 250 ppm/°C
10Ω ≤ R ≤ 1MΩ
± 200 ppm/°C
Rated current
Max. current
0.5
1.0
YC124
1/16W
-55°C to +155°C
25V
50V
100V
E24 ± 5%
E24/E96 ± 1%
Jumper
1Ω ≤ R ≤ 1MΩ
1Ω ≤ R ≤ 1MΩ
< 0.05Ω
Rated current
Max. current
1.0
2.0
YC162
1/16W
-55°C to +155°C
50V
100V
100V
E24 ± 5%
E/24/E96 ± 1%
Jumper
1Ω ≤ R ≤ 1MΩ
1Ω ≤ R ≤ 1MΩ
< 0.05Ω
Rated current
Max. current
1.0
2.0
YC164
1/16W
-55°C to +155°C
50V
100V
100V
E24 ± 5%
E24/E96 ± 1%
Jumper
1Ω ≤ R ≤ 1MΩ
1Ω ≤ R ≤ 1MΩ
< 0.05Ω
± 200 ppm/°C
Rated current
Max. current
1.0
2.0
YC248
1/16W
-55°C to +155°C
50V
100V
100V
E24 ± 5%
E24/E96 ± 1%
Jumper
10Ω ≤ R ≤ 1MΩ
10Ω ≤ R ≤ 1MΩ
< 0.05Ω
Rated current
Max. current
2.0
10.0
YC324
1/8W
-55°C to +155°C
200V
500V
500V
E24 ± 5%
E24/E96 ± 1%
10Ω ≤ R ≤ 1MΩ
10Ω ≤ R ≤ 1MΩ
---
---
TC122
1/16W
-55°C to +125°C
50V
100V
100V
E24 ± 5%
E24/E96 ± 1%
Jumper
10Ω ≤ R ≤ 1MΩ
10Ω ≤ R ≤ 1MΩ
< 0.05Ω
Rated current
Max. current
1.0
1.5
TC124
1/16W
-55°C to +125°C
50V
100V
100V
E24 ± 5%
E24/E96 ± 1%
Jumper
10Ω ≤ R ≤ 1MΩ
10Ω ≤ R ≤ 1MΩ
< 0.05Ω
Rated current
Max. current
1.0
1.5
TC164
1/16W
-55°C to +155°C
50V
100V
100V
E24 ± 5%
E24/E96 ± 1%
Jumper
10Ω ≤ R ≤ 1MΩ
10Ω ≤ R ≤ 1MΩ
< 0.05Ω
Rated current
Max. current
1.0
2.0
YC158T
1/16W
-55°C to +155°C
25V
50V
50V
E24 ± 5%
10Ω ≤ R ≤
100KΩ
---
---
YC358L
YC358T
1/16W
-55°C to +155°C
50V
100V
100V
E24 ± 5%
10Ω ≤ R ≤
330KΩ
---
---
PACKING STYLE AND PACKAGING QUANTITY
PACKING STYLE
PACKING STYLE
YC102/
104
YC/TC
122
YC/TC
124
YC162
YC/TC
164
YC248
YC324 YC158T
YC358L
YC358T
Paper taping reel ( R )
7" (178mm)
10,000
10,000
10,000
5,000
5,000
5,000
---
5,000
---
13" (254mm)
---
50,000
40,000
---
20,000
---
---
20,000
---
Embossed taping reel ( K) 7" (178mm)
---
---
---
---
---
4,000
4,000
---
4,000
NOTE
1. For tape and reel specification/dimensions, please refer to data sheet “Chip resistors packing”.
Table 3 Packing style and packaging quantity


Similar Part No. - SR2512JR-0797R6L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR2512JR-0797R6L YAGEO-SR2512JR-0797R6L Datasheet
700Kb / 8P
   SURGE CHIP RESISTORS
More results

Similar Description - SR2512JR-0797R6L

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com