Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBC20-12EGWA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TBC20-12EGWA
Description  50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TBC20-12EGWA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TBC20-12EGWA Datasheet HTML 1Page - List of Unclassifed Manufacturers TBC20-12EGWA Datasheet HTML 2Page - List of Unclassifed Manufacturers TBC20-12EGWA Datasheet HTML 3Page - List of Unclassifed Manufacturers TBC20-12EGWA Datasheet HTML 4Page - List of Unclassifed Manufacturers TBC20-12EGWA Datasheet HTML 5Page - List of Unclassifed Manufacturers TBC20-12EGWA Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPEC NO: CDA0879
REV NO: V.1
DATE: NOV/18/2001
PAGE: 4 OF 6
APPROVED:J.LU
CHECKED:
DRAWN: S.H.CHEN
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
y
c
n
e
i
c
if
f
E
h
g
i
Hy
c
n
e
i
c
if
f
E
h
g
i
H
y
c
n
e
i
c
if
f
E
h
g
i
H
y
c
n
e
i
c
if
f
E
h
g
i
Hy
c
n
e
i
c
if
f
E
h
g
i
H
d
e
R
n
e
e
r
Gn
e
e
r
G
n
e
e
r
G
n
e
e
r
Gn
e
e
r
Gw
o
ll
e
Yw
o
ll
e
Y
w
o
ll
e
Y
w
o
ll
e
Yw
o
ll
e
Y
t
h
g
ir
B
r
e
p
u
St
h
g
ir
B
r
e
p
u
S
t
h
g
ir
B
r
e
p
u
S
t
h
g
ir
B
r
e
p
u
St
h
g
ir
B
r
e
p
u
S
d
e
R
s
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P5
0
15
0
15
0
10
0
1W
m
t
n
e
rr
u
C
d
r
a
w
r
o
F
C
D0
35
20
30
3A
m
]
1
[
t
n
e
rr
u
C
d
r
a
w
r
o
F
k
a
e
P0
6
10
4
10
4
15
5
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R
5555
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C
Electrical / Optical Characteristics at T)=25°°°°°C
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Ms
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
Us
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
P
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
d
e
R
t
h
g
ir
B
r
e
p
u
S
7
2
6
5
6
5
0
9
5
0
6
6
m
nA
m
0
2
=
F
I
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
D
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
d
e
R
t
h
g
ir
B
r
e
p
u
S
5
2
6
8
6
5
8
8
5
0
4
6
m
nA
m
0
2
=
F
I
λ
2
/
1
h
t
d
i
w
fl
a
H
e
n
i
L
l
a
rt
c
e
p
S
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
d
e
R
t
h
g
ir
B
r
e
p
u
S
5
4
0
3
5
3
0
2
m
nA
m
0
2
=
F
I
Ce
c
n
a
ti
c
a
p
a
C
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
d
e
R
t
h
g
ir
B
r
e
p
u
S
5
1
5
1
0
2
5
4
F
pz
H
M
1
=
f;
V
0
=
F
V
VF
e
g
a
tl
o
V
d
r
a
w
r
o
F
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
d
e
R
t
h
g
ir
B
r
e
p
u
S
0
.
2
2
.
2
1
.
2
5
8
.
1
5
.
2
5
.
2
5
.
2
5
.
2
VA
m
0
2
=
F
I
IR
t
n
e
rr
u
C
e
s
r
e
v
e
Rll
A0
1A
uV
5
=
R
V


Similar Part No. - TBC20-12EGWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TBC20-12EGWA KINGBRIGHT-TBC20-12EGWA Datasheet
171Kb / 5P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
More results

Similar Description - TBC20-12EGWA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
Epson Company
C-5570H EPSON-C-5570H Datasheet
95Kb / 1P
   2.0 INCH, 5 X 7 DOT MATRIX DISPLAY
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TBA30-12EGWA KINGBRIGHT-TBA30-12EGWA Datasheet
131Kb / 3P
   76.2mm (3.0 INCH) 5 X 7 MULTICORLOR DOT MATRIX DISPLAYS
TA20-11GWA KINGBRIGHT-TA20-11GWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TBA20-11EGWA KINGBRIGHT-TBA20-11EGWA Datasheet
173Kb / 5P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11CGKWA KINGBRIGHT-TC20-11CGKWA Datasheet
357Kb / 6P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11SRWA KINGBRIGHT-TC20-11SRWA Datasheet
146Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11YWA KINGBRIGHT-TA20-11YWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SRWA KINGBRIGHT-TA20-11SRWA Datasheet
148Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com